Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 269 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 269 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 265Page - Microchip Technology MEC1322 Datasheet HTML 266Page - Microchip Technology MEC1322 Datasheet HTML 267Page - Microchip Technology MEC1322 Datasheet HTML 268Page - Microchip Technology MEC1322 Datasheet HTML 269Page - Microchip Technology MEC1322 Datasheet HTML 270Page - Microchip Technology MEC1322 Datasheet HTML 271Page - Microchip Technology MEC1322 Datasheet HTML 272Page - Microchip Technology MEC1322 Datasheet HTML 273Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 269
MEC1322
4:3 STATUS
This is a status signal. The status decode is listed in priority order
with the highest priority first.
3: Error detected by the DMA
2: The DMA Channel is externally done, in that the Device has termi-
nated the transfer over the Hardware Flow Control through the
Port dma_term
1: The DMA Channel is locally done, in that Memory Start Address
equals Memory End Address
0: DMA Channel Control:Run is Disabled (0x0)
Note:
This functionality has been replaced by the Interrupt field,
and as such should never be used.
The field will not flag back appropriately timed status, and
if used may cause the firmware to become out-of-sync
with the hardware.
This field has multiple non-exclusive statuses, but may
only display a single status. As such, multiple statuses
may be TRUE, but this will appear as though only a single
status has been triggered.
R0h
RESET
2DONE
This is a status signal. It is only valid while DMA Channel Con-
trol:Run
is Enabled. This is the inverse of the DMA Channel Con-
trol:Busy
field, except this is qualified with the DMA Channel
Control:Run
field.
1=Channel is done
0=Channel is not done or it is OFF
RO
0h
RESET
1REQUEST
This is a status field.
1= There is a transfer request from the Master Device
0= There is no transfer request from the Master Device
RO
0h
RESET
0 RUN
This is a control field.
Note:
This bit only applies to Hardware Flow Control mode.
1= This channel is enabled and will service transfer requests
0=This channel is disabled. All transfer requests are ignored
RW
0h
RESET
Offset
10h
Bits
Description
Type
Default
Reset
Event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com