Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 273 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 273 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 269Page - Microchip Technology MEC1322 Datasheet HTML 270Page - Microchip Technology MEC1322 Datasheet HTML 271Page - Microchip Technology MEC1322 Datasheet HTML 272Page - Microchip Technology MEC1322 Datasheet HTML 273Page - Microchip Technology MEC1322 Datasheet HTML 274Page - Microchip Technology MEC1322 Datasheet HTML 275Page - Microchip Technology MEC1322 Datasheet HTML 276Page - Microchip Technology MEC1322 Datasheet HTML 277Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 273
MEC1322
22.6
Host Interface
The registers defined for the SMBus Interface are accessible as indicated in Section 22.12, "SMBus Registers".
22.7
DMA Interface
This block is designed to communicate with the Internal DMA Controller. This feature is defined in the SMBus Controller
Core Interface specification (See Ref [1]).
Note:
For a description of the Internal DMA Controller implemented in this design see Chapter 21.0, "Internal DMA
Controller".
22.8
Power, Clocks and Reset
This section defines the Power, Clock, and Reset parameters of the block.
22.8.1
POWER DOMAINS
22.8.2
CLOCK INPUTS
22.8.3
RESETS
22.9
Interrupts
22.10 Low Power Modes
The SMBus Interface may be put into a low power state by the chip’s Power, Clocks, and Reset (PCR) circuitry.
22.11 Description
22.11.1
SMBUS CONTROLLER CORE
The MEC1322 SMBus Interface behavior is defined in the SMBus Controller Core Interface specification (See Ref [1]).
TABLE 22-2:
SIGNAL TO PIN NAME LOOKUP TABLE
Block Name
Pin Name
Description
SMBx_DATn
I2Cx_DATn
SMBus Controller x Port n Data
SMBx_CLKn
I2Cx_CLKn
SMBus Controller x Port n Clock
TABLE 22-3:
POWER SOURCES
Name
Description
VCC1
This power well sources the registers and logic in this block.
TABLE 22-4:
CLOCK INPUTS
Name
Description
48 MHz Ring Oscillator
This is the clock signal drives the SMBus controller core. The core also
uses this clock to generate the SMB_CLK on the pin interface.
16MHz_Clk
This is the clock signal is used for baud rate generation.
TABLE 22-5:
RESET SIGNALS
Name
Description
VCC1_RESET
This reset signal resets all of the registers and logic in the SMBus
controller core.
TABLE 22-6:
EC INTERRUPTS
Source
Description
SMB
SMBus Activity Interrupt Event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com