Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 277 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 277 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 273Page - Microchip Technology MEC1322 Datasheet HTML 274Page - Microchip Technology MEC1322 Datasheet HTML 275Page - Microchip Technology MEC1322 Datasheet HTML 276Page - Microchip Technology MEC1322 Datasheet HTML 277Page - Microchip Technology MEC1322 Datasheet HTML 278Page - Microchip Technology MEC1322 Datasheet HTML 279Page - Microchip Technology MEC1322 Datasheet HTML 280Page - Microchip Technology MEC1322 Datasheet HTML 281Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 277 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 277
MEC1322
Note 23-1
The Base Address indicates where the first register can be accessed in a particular address space
for a block instance.
For register details see References [1].
TABLE 23-7:
EC-ONLY REGISTER BASE ADDRESS TABLE
Block Instance
Instance
Number
Host
Address Space
Base Address (
Note 23-1)
PECI Interface
0
EC
32-bit Internal
Address Space
4000_6400h
TABLE 23-8:
PECI INTERFACE REGISTER SUMMARY
Offset
Register Name (Mnemonic)
00h
Write Data Register
04h
Read Data Register
08h
Control Register
0Ch
Status Register 1
10h
Status Register 2
14h
Error Register
18h
Interrupt Enable 1 Register
1Ch
Interrupt Enable 2 Register
20h
Optimal Bit Time Register (Low Byte)
24h
Optimal Bit Time Register (High Byte)
28h
MCHP Reserved
2Ch
MCHP Reserved
30h-3Ch
Reserved
40h
Block ID Register
44h
Revision Register
48h - 7Ch
MCHP Reserved
Note:
MCHP Reserved registers are reserved for Microchip use only. Reading and writing MCHP Reserved reg-
isters may cause undesirable results



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com