Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 279 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 279 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 275Page - Microchip Technology MEC1322 Datasheet HTML 276Page - Microchip Technology MEC1322 Datasheet HTML 277Page - Microchip Technology MEC1322 Datasheet HTML 278Page - Microchip Technology MEC1322 Datasheet HTML 279Page - Microchip Technology MEC1322 Datasheet HTML 280Page - Microchip Technology MEC1322 Datasheet HTML 281Page - Microchip Technology MEC1322 Datasheet HTML 282Page - Microchip Technology MEC1322 Datasheet HTML 283Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 279 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 279
MEC1322
24.7
Power, Clocks and Reset
This section defines the Power, Clock, and Reset parameters of the block.
24.7.1
POWER DOMAINS
24.7.2
CLOCK INPUTS
24.7.3
RESETS
24.8
Interrupts
This section defines the Interrupt Sources generated from this block.
24.9
Low Power Modes
The TACH may be put into a low power state by the chip’s Power, Clocks, and Reset (PCR) circuitry.
24.10 Description
The TACH block monitors Tach output signals or locked rotor signals generated by various types of fans. These signals
can be used to determine the speed of the attached fan. This block is designed to monitor fans at fan speeds from 100
RPMs to 30,000 RPMs.
Typically, these are DC brushless fans that generate (with each revolution) a 50% duty cycle, two-period square wave,
as shown in Figure 24-2 below.
In typical systems, the fans are powered by the main power supply. Firmware may disable this block when it detects that
the main power rail has been turned off by either clearing the <enable> TACH_ENABLE bit or putting the block to sleep
via the supported Low Power Mode interface (see Low Power Modes).
Name
Description
VCC1
The logic and registers implemented in this block are powered by this
power well.
Name
Description
100kHz_Clk
This is the clock input to the tachometer monitor logic. In Mode 1, the
TACH is measured in the number of these clocks.
Name
Description
VCC1_RESET
This signal resets all the registers and logic in this block to their default
state.
Source
Description
TACH
This internal signal is generated from the OR’d result of the status
events, as defined in the TACHx Status Register.
FIGURE 24-2:
FAN GENERATED 50%DUTY CYCLE WAVEFORM
one revolution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com