Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 280 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 280 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 276Page - Microchip Technology MEC1322 Datasheet HTML 277Page - Microchip Technology MEC1322 Datasheet HTML 278Page - Microchip Technology MEC1322 Datasheet HTML 279Page - Microchip Technology MEC1322 Datasheet HTML 280Page - Microchip Technology MEC1322 Datasheet HTML 281Page - Microchip Technology MEC1322 Datasheet HTML 282Page - Microchip Technology MEC1322 Datasheet HTML 283Page - Microchip Technology MEC1322 Datasheet HTML 284Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 280 / 456 page
background image
MEC1322
DS00001719D-page 280
 2014 - 2015 Microchip Technology Inc.
24.10.1
MODES OF OPERATION
The Tachometer block supports two modes of operation. The mode of operation is selected via the TACH_READING_-
MODE_SELECT bit.
24.10.1.1
Free Running Counter
In Mode 0, the Tachometer block uses the TACH input as the clock source for the internal TACH pulse counter (see
TACHX_COUNTER). The counter is incremented when it detects a rising edge on the TACH input. In this mode, the
firmware may periodically poll the TACHX_COUNTER field to determine the average speed over a period of time. The
firmware must store the previous reading and the current reading to compute the number of pulses detected over a
period of time. In this mode, the counter continuously increments until it reaches FFFFh. It then wraps back to 0000h
and continues counting. The firmware must ensure that the sample rate is greater than the time it takes for the counter
to wrap back to the starting point.
24.10.1.2
Mode 1 -- Number of Clock Pulses per Revolution
In Mode 1, the Tachometer block uses its 100kHz_Clk clock input to measure the programmable number of TACH
pulses. In this mode, the internal TACH pulse counter (TACHX_COUNTER) returns the value in number of 100kHz_Clk
pulses per programmed number of TACH_EDGES. For fans that generate two square waves per revolution, these bits
should be configured to five edges.
When the number of edges is detected, the counter is latched and the COUNT_READY_STATUS bit is asserted. If the
COUNT_READY_INT_EN bit is set a TACH interrupt event will be generated.
24.10.2
OUT-OF-LIMIT EVENTS
The TACH Block has a pair of limit registers that may be configured to generate an event if the Tach indicates that the
fan is operating too slow or too fast. If the <TACH reading> exceeds one of the programmed limits, the TACHx High
Limit Register and the TACHx Low Limit Register, the bit TACH_OUT_OF_LIMIT_STATUS will be set. If the
TACH_OUT_OF_LIMIT_STATUS bit is set, the Tachometer block will generate an interrupt event.
24.11 EC-Only Registers
The registers listed in the EC-Only Register Summary table are for a single instance of the TACH. The addresses of
each register listed in this table are defined as a relative offset to the host “Base Address” defined in the EC-Only Reg-
ister Base Address Table.
The Base Address indicates where the first register can be accessed in a particular address space for a block instance.
Note:
Tach interrupts should be disabled in Mode 0.
TABLE 24-2:
EC-ONLY REGISTER BASE ADDRESS TABLE
Block Instance
Instance
Number
Host
Address Space
Base Address
TACH
0
EC
32-bit internal
address space
4000_6000h
TACH
1
EC
32-bit internal
address space
4000_6010h
TABLE 24-3:
TACH REGISTER SUMMARY
Offset
Register Name (Mnemonic)
00h
TACHx Control Register
04h
TACHx Status Register
08h
TACHx High Limit Register
0Ch
TACHx Low Limit Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com