Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 283 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 283 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 279Page - Microchip Technology MEC1322 Datasheet HTML 280Page - Microchip Technology MEC1322 Datasheet HTML 281Page - Microchip Technology MEC1322 Datasheet HTML 282Page - Microchip Technology MEC1322 Datasheet HTML 283Page - Microchip Technology MEC1322 Datasheet HTML 284Page - Microchip Technology MEC1322 Datasheet HTML 285Page - Microchip Technology MEC1322 Datasheet HTML 286Page - Microchip Technology MEC1322 Datasheet HTML 287Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 283
MEC1322
24.11.2
TACHX STATUS REGISTER
Note 1:
Some fans offer a Locked Rotor output pin that generates a level event if a locked rotor is detected. This bit
may be used in combination with the Tach pin status bit to detect a locked rotor signal event from a fan.
2:
Tach Input may come up as active for Locked Rotor events. This would not cause an interrupt event because
the pin would not toggle. Firmware must read the status events as part of the initialization process, if polling
is not implemented.
Offset
04h
Bits
Description
Type
Default
Reset
Event
31:4 Reserved
R
-
-
3 COUNT_READY_STATUS
This status bit is asserted when the Tach input changes state and
when the counter value is latched. This bit remains cleared to '0'
when the TACH_READING_MODE_SELECT bit in the TACHx Con-
trol Register is '0'.
When the TACH_READING_MODE_SELECT bit in the TACHx Con-
trol Register is set to '1', this bit is set to ‘1’ when the counter value is
latched by the hardware. It is cleared when written with a ‘1’. If
COUNT_READY_INT_EN in the TACHx Control Register is set to 1,
this status bit will assert the Tach Interrupt signal.
1=Reading ready
0=Reading not ready
R/WC
0b
VCC1_R
ESET
2 TOGGLE_STATUS
This bit is set when Tach Input changes state. It is cleared when writ-
ten with a ’1’. If TACH_INPUT_INT_EN in the TACHx Control Regis-
ter is set to ’1’, this status bit will assert the Tach Interrupt signal.
1=Tach Input changed state (this bit is set on a low-to-high or high-to-
low transition)
0=Tach stable
R/WC
0b
VCC1_R
ESET
1 TACH_PIN_STATUS
This bit reflects the state of Tach Input. This bit is a read only bit that
may be polled by the embedded controller.
1= Tach Input is high
0= Tach Input is low
R0b
VCC1_R
ESET
0 TACH_OUT_OF_LIMIT_STATUS
This bit is set when the Tach Count value is greater than the high
limit or less than the low limit. It is cleared when written with a ’1’. To
disable this status event set the limits to their extreme values. If
TACH_OUT_OF_LIMIT_ENABLE in the TACHx Control Register is
set to 1’, this status bit will assert the Tach Interrupt signal.
1=Tach is outside of limits
0=Tach is within limits
R/WC
0b
VCC1_R
ESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com