Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 285 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 285 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 281Page - Microchip Technology MEC1322 Datasheet HTML 282Page - Microchip Technology MEC1322 Datasheet HTML 283Page - Microchip Technology MEC1322 Datasheet HTML 284Page - Microchip Technology MEC1322 Datasheet HTML 285Page - Microchip Technology MEC1322 Datasheet HTML 286Page - Microchip Technology MEC1322 Datasheet HTML 287Page - Microchip Technology MEC1322 Datasheet HTML 288Page - Microchip Technology MEC1322 Datasheet HTML 289Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 285 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 285
MEC1322
25.0 PWM
25.1
Introduction
This block generates a PWM output that can be used to control 4-wire fans, blinking LEDs, and other similar devices.
Each PWM can generate an arbitrary duty cycle output at frequencies from less than 0.1 Hz to 24 MHz. The PWM con-
troller can also used to generate the PROCHOT output and Speaker output.
The PWMx Counter ON Time registers and PWMx Counter OFF Time registers determine the operation of the
PWM_OUTPUT signals. See Section 25.11.1, "PWMx Counter ON Time Register," on page 288 and Section 25.11.2,
"PWMx Counter OFF Time Register," on page 289 for a description of the PWM_OUTPUT signals.
25.2
References
There are no standards referenced in this chapter.
25.3
Terminology
There is no terminology defined for this section.
25.4
Interface
This block is designed to be accessed externally via the pin interface and internally via a registered host interface.
There are no external signals for this block.
FIGURE 25-1:
I/O DIAGRAM OF BLOCK
PWM
Interrupts
Power, Clocks and Reset
Host Interface
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com