Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 286 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 286 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 282Page - Microchip Technology MEC1322 Datasheet HTML 283Page - Microchip Technology MEC1322 Datasheet HTML 284Page - Microchip Technology MEC1322 Datasheet HTML 285Page - Microchip Technology MEC1322 Datasheet HTML 286Page - Microchip Technology MEC1322 Datasheet HTML 287Page - Microchip Technology MEC1322 Datasheet HTML 288Page - Microchip Technology MEC1322 Datasheet HTML 289Page - Microchip Technology MEC1322 Datasheet HTML 290Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 286 / 456 page
background image
MEC1322
DS00001719D-page 286
 2014 - 2015 Microchip Technology Inc.
25.5
Signal Description
25.6
Host Interface
The registers defined for the PWM Interface are accessible by the various hosts as indicated in Section 25.11, "EC-Only
Registers".
25.7
Power, Clocks and Reset
This section defines the Power, Clock, and Reset parameters of the block.
25.7.1
POWER DOMAINS
25.7.2
CLOCK INPUTS
25.7.3
RESETS
25.8
Interrupts
The PWM block does not generate any interrupt events.
25.9
Low Power Modes
The PWM may be put into a low power state by the chip’s Power, Clocks, and Reset (PCR) circuitry. When the PWM is
in the sleep state, the internal counters reset to 0 and the internal state of the PWM and the PWM_OUTPUT signal set
to the OFF state.
25.10 Description
The PWM_OUTPUT signal is used to generate a duty cycle of specified frequency. This block can be programmed so
that the PWM signal toggles the PWM_OUTPUT, holds it high, or holds it low. When the PWM is configured to toggle,
the PWM_OUTPUT alternates from high to low at the rate specified in the PWMx Counter ON Time Register and PWMx
Counter OFF Time Register.
The following diagram illustrates how the clock inputs and registers are routed to the PWM Duty Cycle & Frequency
Control logic to generate the PWM output.
TABLE 25-1:
SIGNAL DESCRIPTION TABLE
Name
Direction
Description
PWM_OUTPUT
OUTPUT
Pulse Width Modulated signal to PWMx pin.
TABLE 25-2:
POWER SOURCES
Name
Description
VCC1
The PWM logic and registers are powered by this single power source.
TABLE 25-3:
CLOCK INPUTS
Name
Description
100kHz_Clk
100kHz_Clk clock input for generating low PWM frequencies, such as 10
Hz to 100 Hz.
48 MHz Ring Oscillator
48 MHz Ring Oscillator clock input for generating high PWM frequencies,
such as 15 kHz to 30 kHz.
TABLE 25-4:
RESET SIGNALS
Name
Description
VCC1_RESET
This reset signal resets all the logic in this block to its initial state
including the registers, which are set to their defined default state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com