Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 288 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 288 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 284Page - Microchip Technology MEC1322 Datasheet HTML 285Page - Microchip Technology MEC1322 Datasheet HTML 286Page - Microchip Technology MEC1322 Datasheet HTML 287Page - Microchip Technology MEC1322 Datasheet HTML 288Page - Microchip Technology MEC1322 Datasheet HTML 289Page - Microchip Technology MEC1322 Datasheet HTML 290Page - Microchip Technology MEC1322 Datasheet HTML 291Page - Microchip Technology MEC1322 Datasheet HTML 292Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 288 / 456 page
background image
MEC1322
DS00001719D-page 288
 2014 - 2015 Microchip Technology Inc.
FIGURE 25-4:
PWM DUTY CYCLE EQUATION
The PWMx Counter ON Time Register and PWMx Counter OFF Time Register registers should be accessed as 16-bit
values.
25.11 EC-Only Registers
The registers listed in the EC-Only Register Summary table are for a single instance of the PWM. The addresses of
each register listed in this table are defined as a relative offset to the host “Base Address” defined in the EC-Only Reg-
ister Base Address Table.
The Base Address indicates where the first register can be accessed in a particular address space for a block instance.
25.11.1
PWMX COUNTER ON TIME REGISTER
TABLE 25-5:
EC-ONLY REGISTER BASE ADDRESS TABLE
Block Instance
Instance
Number
Host
Address Space
Base Address
PWM
0
EC
32-bit internal
address space
4000_5800h
PWM
1
EC
32-bit internal
address space
4000_5810h
PWM
2
EC
32-bit internal
address space
4000_5820h
PWM
3
EC
32-bit internal
address space
4000_5830h
TABLE 25-6:
EC-ONLY REGISTER SUMMARY
Offset
Register Name (Mnemonic)
00h
PWMx Counter ON Time Register
04h
PWMx Counter OFF Time Register
08h
PWMx Configuration Register
Offset
00h
Bits
Description
Type
Default
Reset
Event
31:16 Reserved
R
-
-
15:0 PWMX_COUNTER_ON_TIME
This field determine both the frequency and duty cycle of the PWM
signal.
When this field is set to zero and the PWMX_COUNTER_OFF_-
TIME is not set to zero, the PWM_OUTPUT is held low (Full Off).
R/W
0000h
VCC1_R
ESET
PWM Duty Cycle
PWMCounterOnTime
PWMCounterOnTime
PWMCounterOffTime
+
()
--------------------------------------------------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com