Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 284 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 284 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 280Page - Microchip Technology MEC1322 Datasheet HTML 281Page - Microchip Technology MEC1322 Datasheet HTML 282Page - Microchip Technology MEC1322 Datasheet HTML 283Page - Microchip Technology MEC1322 Datasheet HTML 284Page - Microchip Technology MEC1322 Datasheet HTML 285Page - Microchip Technology MEC1322 Datasheet HTML 286Page - Microchip Technology MEC1322 Datasheet HTML 287Page - Microchip Technology MEC1322 Datasheet HTML 288Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 284 / 456 page
background image
MEC1322
DS00001719D-page 284
 2014 - 2015 Microchip Technology Inc.
24.11.3
TACHX HIGH LIMIT REGISTER
24.11.4
TACHX LOW LIMIT REGISTER
Offset
08h
Bits
Description
Type
Default
Reset
Event
31:16 Reserved
-
-
-
15:0 TACH_HIGH_LIMIT
This value is compared with the value in the TACHX_COUNTER
field. If the value in the counter is greater than the value programmed
in this register, the TACH_OUT_OF_LIMIT_STATUS bit will be set.
The TACH_OUT_OF_LIMIT_STATUS status event may be enabled
to generate an interrupt to the embedded controller via the
TACH_OUT_OF_LIMIT_ENABLE bit in the TACHx Control Register.
R/W
FFFFh
VCC1_
RESET
Offset
0Ch
Bits
Description
Type
Default
Reset
Event
31:16 Reserved
R
-
-
15:0 TACHX_LOW_LIMIT
This value is compared with the value in the TACHX_COUNTER field
of the TACHx Control Register. If the value in the counter is less than
the value programmed in this register, the TACH_OUT_OF_LIM-
IT_STATUS bit will be set. The TACH_OUT_OF_LIMIT_STATUS sta-
tus event may be enabled to generate an interrupt to the embedded
controller via the TACH_OUT_OF_LIMIT_ENABLE bit in the TACHx
Control Register
To disable the TACH_OUT_OF_LIMIT_STATUS low event, program
0000h into this register.
R/W
0000h
VCC1_
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com