Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 287 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 287 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 283Page - Microchip Technology MEC1322 Datasheet HTML 284Page - Microchip Technology MEC1322 Datasheet HTML 285Page - Microchip Technology MEC1322 Datasheet HTML 286Page - Microchip Technology MEC1322 Datasheet HTML 287Page - Microchip Technology MEC1322 Datasheet HTML 288Page - Microchip Technology MEC1322 Datasheet HTML 289Page - Microchip Technology MEC1322 Datasheet HTML 290Page - Microchip Technology MEC1322 Datasheet HTML 291Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 287 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 287
MEC1322
The PWM clock source to the PWM Down Counter, used to generate a duty cycle and frequency on the PWM, is deter-
mined through the Clock select[1] and Clock Pre-Divider[6:3] bits in the PWMx Configuration Register register.
The PWMx Counter ON/OFF Time registers determine both the frequency and duty cycle of the signal generated on
PWM_OUTPUT as described below.
The PWM frequency is determined by the selected clock source and the total on and off time programmed in the PWMx
Counter ON Time Register and PWMx Counter OFF Time Register registers. The frequency is the time it takes (at that
clock rate) to count down to 0 from the total on and off time.
The PWM duty cycle is determined by the relative values programmed in the PWMx Counter ON Time Register and
PWMx Counter OFF Time Register registers.
The PWM Frequency Equation and PWM Duty Cycle Equation are shown below.
FIGURE 25-3:
PWM FREQUENCY EQUATION
In Figure 25-3, the ClockSourceFrequency variable is the frequency of the clock source selected by the Clock Select
bit in the PWMx Configuration Register, and PreDivisor is a field in the PWMx Configuration Register. The PWMCoun-
terOnTime, PWMCounterOffTime are registers that are defined in Section 25.11, "EC-Only Registers".
FIGURE 25-2:
BLOCK DIAGRAM OF PWM CONTROLLER
Note:
In Figure 25-2, the 48 MHz Ring Oscillator is represented as CLOCK_HIGH and 100kHz_Clk is repre-
sented as CLOCK_LOW.
PWM BLOCK
PWM Duty Cycle &
Frequency Control
PWM_ OUTPUT
PWM Registers
CLOCK_HIGH
CLOCK_LOW
Invert_PWM
Clock Select
16-bit down
counter
EC I/F
Clock
Pre-
Divider
(15:0)
PWM Frequency
1
PreDivisor 1
+
()
--------------------------------------------
ClockSourceFrequency
()
PWMCounterOnTime PWMCounterOffTime
+
()
-------------------------------------------------------------------------------------------------------------------------------
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com