Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 289 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 289 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 285Page - Microchip Technology MEC1322 Datasheet HTML 286Page - Microchip Technology MEC1322 Datasheet HTML 287Page - Microchip Technology MEC1322 Datasheet HTML 288Page - Microchip Technology MEC1322 Datasheet HTML 289Page - Microchip Technology MEC1322 Datasheet HTML 290Page - Microchip Technology MEC1322 Datasheet HTML 291Page - Microchip Technology MEC1322 Datasheet HTML 292Page - Microchip Technology MEC1322 Datasheet HTML 293Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 289 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 289
MEC1322
25.11.2
PWMX COUNTER OFF TIME REGISTER
25.11.3
PWMX CONFIGURATION REGISTER
Offset
04h
Bits
Description
Type
Default
Reset
Event
31:16 Reserved
R
-
-
15:0 PWMX_COUNTER_OFF_TIME
This field determine both the frequency and duty cycle of the PWM
signal.
When this field is set to zero, the PWM_OUTPUT is held high (Full
On).
R/W
FFFFh
VCC1_R
ESET
Offset
08h
Bits
Description
Type
Default
Reset
Event
31:7 Reserved
R
-
-
6:3 CLOCK_PRE_DIVIDER
The Clock source for the 16-bit down counter (see PWMx Counter
ON Time Register and PWMx Counter OFF Time Register) is deter-
mined by bit D1 of this register. The Clock source is then divided by
the value of Pre-Divider+1 and the resulting signal determines the
rate at which the down counter will be decremented. For example, a
Pre-Divider value of 1 divides the input clock by 2 and a value of 2
divides the input clock by 3. A Pre-Divider of 0 will disable the Pre-
Divider option.
R/W
0000b
VCC1_R
ESET
2INVERT
1= PWM_OUTPUT ON State is active low
0=PWM_OUTPUT ON State is active high
R/W
0b
VCC1_R
ESET
1 CLOCK_SELECT
This bit determines the clock source used by the PWM duty cycle
and frequency control logic.
1=CLOCK_LOW
0=CLOCK_HIGH
R/W
0b
VCC1_R
ESET
0 PWM_ENABLE
1=Enabled (default)
0=Disabled (gates clocks to save power)
Note:
When the PWM enable bit is set to 0 the internal counters
are reset and the internal state machine is set to the OFF
state. In addition, the PWM_OUTPUT signal is set to the
inactive state as determined by the Invert bit. The PWMx
Counter ON Time Register and PWMx Counter OFF
Time Register are not affected by the PWM enable bit
and may be read and written while the PWM enable bit is
0.
R/W
0b
VCC1_R
ESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com