Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 282 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 282 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 278Page - Microchip Technology MEC1322 Datasheet HTML 279Page - Microchip Technology MEC1322 Datasheet HTML 280Page - Microchip Technology MEC1322 Datasheet HTML 281Page - Microchip Technology MEC1322 Datasheet HTML 282Page - Microchip Technology MEC1322 Datasheet HTML 283Page - Microchip Technology MEC1322 Datasheet HTML 284Page - Microchip Technology MEC1322 Datasheet HTML 285Page - Microchip Technology MEC1322 Datasheet HTML 286Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 282 / 456 page
background image
MEC1322
DS00001719D-page 282
 2014 - 2015 Microchip Technology Inc.
10 TACH_READING_MODE_SELECT
1=Counter is incremented on the rising edge of the 100kHz_Clk input.
The counter is latched into the TACHX_COUNTER field and
reset when the programmed number of edges is detected.
0=Counter is incremented when Tach Input transitions from low-to-
high state (default)
R/W
0b
VCC1_
RESET
9 Reserved
R
-
-
8 FILTER_ENABLE
This filter is used to remove high frequency glitches from Tach Input.
When this filter is enabled, Tach input pulses less than two 100kHz_-
Clk periods wide get filtered.
1= Filter enabled
0= Filter disabled (default)
It is recommended that the Tach input filter always be enabled.
R/W
0b
VCC1_
RESET
7:2 Reserved
R
-
-
1 TACH_ENABLE
This bit gates the clocks into the block. When clocks are gated, the
TACHx pin is tristated. When re-enabled, the internal counters will
continue from the last known state and stale status events may still
be pending. Firmware should discard any status or reading values
until the reading value has been updated at least one time after the
enable bit is set.
1= TACH Monitoring enabled, clocks enabled.
0= TACH Idle, clocks gated
R/W
0b
VCC1_
RESET
0 TACH_OUT_OF_LIMIT_ENABLE
This bit is used to enable the TACH_OUT_OF_LIMIT_STATUS bit in
the TACHx Status Register to generate an interrupt event.
1=Enable interrupt output from Tach block
0=Disable interrupt output from Tach block (default)
R/W
0b
VCC1_
RESET
Offset
00h
Bits
Description
Type
Default
Reset
Event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com