Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 276 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 276 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 272Page - Microchip Technology MEC1322 Datasheet HTML 273Page - Microchip Technology MEC1322 Datasheet HTML 274Page - Microchip Technology MEC1322 Datasheet HTML 275Page - Microchip Technology MEC1322 Datasheet HTML 276Page - Microchip Technology MEC1322 Datasheet HTML 277Page - Microchip Technology MEC1322 Datasheet HTML 278Page - Microchip Technology MEC1322 Datasheet HTML 279Page - Microchip Technology MEC1322 Datasheet HTML 280Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 276 / 456 page
background image
MEC1322
DS00001719D-page 276
 2014 - 2015 Microchip Technology Inc.
23.6
Host Interface
The registers defined for the PECI Interface are accessible by the various hosts as indicated in Section 23.11, "PECI
Interface Registers".
23.7
Power, Clocks and Reset
This section defines the Power, Clock, and Reset parameters of the block.
23.7.1
POWER DOMAINS
23.7.2
CLOCK INPUTS
23.7.3
RESETS
23.8
Interrupts
This section defines the Interrupt Sources generated from this block.
23.9
Low Power Modes
The PECI Interface may be put into a low power state by the chip’s Power, Clocks, and Reset (PCR) circuitry.
23.10 Instance Description
There is one instance of the PECI Core implemented in the PECI Interface in the MEC1322. See PECI Interface Core,
Rev. 1.31, Core-Level Architecture Specification, SMSC Confidential, 4/15/11 for a description of the PECI Core.
23.11 PECI Interface Registers
The registers listed in the PECI Interface Register Summary table are for a single instance of the PECI Interface. The
addresses of each register listed in this table are defined as a relative offset to the host “Base Address” defined in the
PECI Interface Register Base Address Table.
TABLE 23-2:
PECI ROUTING GUIDELINES
Trace Impedance
50 Ohms +/- 15%
Spacing
10 mils
Routing Layer
Microstrip
Trace Width
Calculate to match impedance
Length
1” - 15”
TABLE 23-3:
POWER SOURCES
Name
Description
VCC1
The PECI Interface logic and registers are powered by VCC1.
TABLE 23-4:
CLOCK INPUTS
Name
Description
48 MHz Ring Oscillator
PECI Module Input Clock
TABLE 23-5:
RESET SIGNALS
Name
Description
VCC1_RESET
PECI Core Reset Input
TABLE 23-6:
EC INTERRUPTS
Source
Description
PECIHOST
PECI Host



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com