Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 274 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 274 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 270Page - Microchip Technology MEC1322 Datasheet HTML 271Page - Microchip Technology MEC1322 Datasheet HTML 272Page - Microchip Technology MEC1322 Datasheet HTML 273Page - Microchip Technology MEC1322 Datasheet HTML 274Page - Microchip Technology MEC1322 Datasheet HTML 275Page - Microchip Technology MEC1322 Datasheet HTML 276Page - Microchip Technology MEC1322 Datasheet HTML 277Page - Microchip Technology MEC1322 Datasheet HTML 278Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 274 / 456 page
background image
MEC1322
DS00001719D-page 274
 2014 - 2015 Microchip Technology Inc.
22.11.2
PHYSICAL INTERFACE
The SMBus Interface has two physical ports, selected by the PORT SEL [3:0] bits in the Configuration Register as
described in Ref [1].
Note 1:
SMBus controller 0 uses port 0 and port 1. SMBus controllers 1-3 use port 0.
2:
The buffer type for these pins must be configured as open-drain outputs in the GPIO Configuration registers
associated with the GPIO signals that share the ports.
22.12 SMBus Registers
The registers listed in the SMBus Core Register Summary table in the SMBus Controller Core Interface specification
(Ref [1]) are for a single instance of the SMBus Controller Core. The addresses of each register listed in this table are
defined as a relative offset to the host “Base Address” defined in the following table:
Note 22-1
The Base Address indicates where the first register can be accessed in a particular address space
for a block instance.
TABLE 22-7:
EC-ONLY REGISTER BASE ADDRESS TABLE
Block Instance
Instance
Number
Host
Address Space
Base Address (
Note 22-1)
SMBus Controller
0
EC
32-bit internal
address space
4000_1800h
SMBus Controller
1
EC
32-bit internal
address space
4000_AC00h
SMBus Controller
2
EC
32-bit internal
address space
4000_B000h
SMBus Controller
3
EC
32-bit internal
address space
4000_B400h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com