Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 266 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 266 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 262Page - Microchip Technology MEC1322 Datasheet HTML 263Page - Microchip Technology MEC1322 Datasheet HTML 264Page - Microchip Technology MEC1322 Datasheet HTML 265Page - Microchip Technology MEC1322 Datasheet HTML 266Page - Microchip Technology MEC1322 Datasheet HTML 267Page - Microchip Technology MEC1322 Datasheet HTML 268Page - Microchip Technology MEC1322 Datasheet HTML 269Page - Microchip Technology MEC1322 Datasheet HTML 270Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 266 / 456 page
background image
MEC1322
DS00001719D-page 266
 2014 - 2015 Microchip Technology Inc.
21.9.4
DMA CHANNEL N MEMORY START ADDRESS
21.9.5
DMA CHANNEL N MEMORY END ADDRESS
Offset
04h
Bits
Description
Type
Default
Reset
Event
31:0 MEMORY_START_ADDRESS
This is the starting address for the Memory device.
This field is updated by Hardware after every packet transfer by the
size of the transfer, as defined by DMA Channel Control:Channel
Transfer Size while the DMA Channel Control:Increment Memory
Address is Enabled.
The Memory device is defined as the device that is the slave device
in the transfer.
ex. With Hardware Flow Control, the Memory device is the device
that is not connected to the Hardware Flow Controlling device.
Note:
This field is only as large as the maximum allowed AHB
Address Size in the system. If the HADDR size is 24 Bits,
then Bits [31:24] will be RESERVED.
R/W
0000h
RESET
Offset
08h
Bits
Description
Type
Default
Reset
Event
31:0 MEMORY_END_ADDRESS
This is the ending address for the Memory device.
This will define the limit of the transfer, so long as DMA Channel
Control:Increment Memory Address is Enabled. When the Memory
Start Address is equal to this value, the DMA will terminate the trans-
fer and flag the status DMA Channel Interrupt:Status Done.
Note:
This field is only as large as the maximum allowed AHB
Address Size in the system. If the HADDR size is 24 Bits,
then Bits [31:24] will be RESERVED.
R/W
0000h
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com