Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 267 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 267 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 263Page - Microchip Technology MEC1322 Datasheet HTML 264Page - Microchip Technology MEC1322 Datasheet HTML 265Page - Microchip Technology MEC1322 Datasheet HTML 266Page - Microchip Technology MEC1322 Datasheet HTML 267Page - Microchip Technology MEC1322 Datasheet HTML 268Page - Microchip Technology MEC1322 Datasheet HTML 269Page - Microchip Technology MEC1322 Datasheet HTML 270Page - Microchip Technology MEC1322 Datasheet HTML 271Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 267
MEC1322
21.9.6
DMA CHANNEL N DEVICE ADDRESS
21.9.7
DMA CHANNEL N CONTROL
Offset
0Ch
Bits
Description
Type
Default
Reset
Event
31:0 DEVICE_ADDRESS
This is the Master Device address.
This is used as the address that will access the Device on the DMA.
The Device is defined as the Master of the DMA transfer; as in the
device that is controlling the Hardware Flow Control.
This field is updated by Hardware after every Data Packet transfer
by the size of the transfer, as defined by DMA Channel Con-
trol:Transfer Size while the DMA Channel Control:Increment Device
Address is Enabled.
Note:
This field is only as large as the maximum allowed AHB
Address Size in the system. If the HADDR size is 24 Bits,
then Bits [31:24] will be RESERVED.
R/W
0000h
RESET
Offset
10h
Bits
Description
Type
Default
Reset
Event
31:26 Reserved
R
-
-
25 TRANSFER_ABORT
This is used to abort the current transfer on this DMA Channel. The
aborted transfer will be forced to terminate immediately.
R/W
0h
RESET
24 TRANSFER_GO
This is used for the Firmware Flow Control DMA transfer.
This is used to start a transfer under the Firmware Flow Control.
Do not use this in conjunction with the Hardware Flow Control;
DMA Channel Control:Disable Hardware Flow Control
must be
set in order for this field to function correctly.
R/W
0h
RESET
23 Reserved
R
-
-
22:20 TRANSFER_SIZE
This is the transfer size in Bytes of each Data Packet transfer.
Note:
The transfer size must be a legal transfer size. Valid
sizes are 1, 2 and 4 Bytes.
R/W
0h
RESET
19 DISABLE_HARDWARE_FLOW_CONTROL
This will Disable the Hardware Flow Control. When disabled, any
DMA Master device attempting to communicate to the DMA over the
DMA Flow Control Interface (Ports: dma_req, dma_term, and
dma_done)
will be ignored.
This should be set before using the DMA channel in Firmware Flow
Control
mode.
RW
0h
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com