Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 264 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 264 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 260Page - Microchip Technology MEC1322 Datasheet HTML 261Page - Microchip Technology MEC1322 Datasheet HTML 262Page - Microchip Technology MEC1322 Datasheet HTML 263Page - Microchip Technology MEC1322 Datasheet HTML 264Page - Microchip Technology MEC1322 Datasheet HTML 265Page - Microchip Technology MEC1322 Datasheet HTML 266Page - Microchip Technology MEC1322 Datasheet HTML 267Page - Microchip Technology MEC1322 Datasheet HTML 268Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 456 page
background image
MEC1322
DS00001719D-page 264
 2014 - 2015 Microchip Technology Inc.
21.9
EC-Only Registers
The DMA Controller consists of a Main Block and a number of Channels. Table 21-9, "Main EC-Only Register Summary"
lists the registers in the Main Block and Table 21-10, "Channel EC-Only Register Summary" lists the registers in each
channel. The addresses of each register listed in these tables are defined as a relative offset to the “Base Address”
defined in the EC-Only Register Base Address Table. The Base Address for the Main Block and each Channel is defined
in the table:
The Base Address indicates where the first register can be accessed in a particular address space for a block instance.
TABLE 21-8:
EC-ONLY REGISTER BASE ADDRESS TABLE
Instance Name
Channel
Number
Host
Address Space
Base Address
DMA Controller
Main Block
EC
32-bit internal
address space
4000_2400h
DMA Controller
0
EC
32-bit internal
address space
4000_2410h
DMA Controller
1
EC
32-bit internal
address space
4000_2430h
DMA Controller
2
EC
32-bit internal
address space
4000_2450h
DMA Controller
3
EC
32-bit internal
address space
4000_2470h
DMA Controller
4
EC
32-bit internal
address space
4000_2490h
DMA Controller
5
EC
32-bit internal
address space
4000_24B0h
DMA Controller
6
EC
32-bit internal
address space
4000_24D0h
DMA Controller
7
EC
32-bit internal
address space
4000_24F0h
DMA Controller
8
EC
32-bit internal
address space
4000_2510h
DMA Controller
9
EC
32-bit internal
address space
4000_2530h
DMA Controller
10
EC
32-bit internal
address space
4000_2550h
DMA Controller
11
EC
32-bit internal
address space
4000_2570h
TABLE 21-9:
MAIN EC-ONLY REGISTER SUMMARY
Offset
REGISTER NAME (Mnemonic)
00h
DMA Main Control
04h
DMA Data Packet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com