Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 262 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 262 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 258Page - Microchip Technology MEC1322 Datasheet HTML 259Page - Microchip Technology MEC1322 Datasheet HTML 260Page - Microchip Technology MEC1322 Datasheet HTML 261Page - Microchip Technology MEC1322 Datasheet HTML 262Page - Microchip Technology MEC1322 Datasheet HTML 263Page - Microchip Technology MEC1322 Datasheet HTML 264Page - Microchip Technology MEC1322 Datasheet HTML 265Page - Microchip Technology MEC1322 Datasheet HTML 266Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 456 page
background image
MEC1322
DS00001719D-page 262
 2014 - 2015 Microchip Technology Inc.
21.5.3
RESETS
21.6
Interrupts
This section defines the Interrupt Sources generated from this block.
21.7
Low Power Modes
The Internal DMA Controller may be put into a low power state by the chip’s Power, Clocks, and Reset (PCR) circuitry.
When the block is commanded to go to sleep it will place the DMA block into sleep mode only after all transactions on
the DMA have been completed. For Firmware Flow Controlled transactions, the DMA will wait until it hits its terminal
count and clears the Go control bit. For Hardware Flow Control, the DMA will go to sleep after either the terminal count
is hit, or the Master device flags the terminate signal.
21.8
Description
The MEC1322 features a 12 channel DMA controller. The DMA controller can autonomously move data from/to any
DMA capable master device to/from any populated memory location. This mechanism allows hardware IP blocks to
transfer large amounts of data into or out of memory without EC intervention.
The DMA has the following characteristics:
• Data is only moved 1 Data Packet at a time
• Data only moves between devices on the accessible via the internal 32-bit address space
TABLE 21-6:
RESET SIGNALS
Name
Description
VCC1_RESET
This reset signal resets all of the registers and logic in this block.
RESET
This reset is generated if either the VCC1_RESET is asserted or the
SOFT_RESET is asserted.
TABLE 21-7:
INTERRUPTS
Source
Description
DMA0
Direct Memory Access Channel 0
This signal is generated by the STATUS_DONE bit.
DMA1
Direct Memory Access Channel 1
This signal is generated by the STATUS_DONE bit.
DMA2
Direct Memory Access Channel 2
This signal is generated by the STATUS_DONE bit.
DMA3
Direct Memory Access Channel 3
This signal is generated by the STATUS_DONE bit.
DMA4
Direct Memory Access Channel 4
This signal is generated by the STATUS_DONE bit.
DMA5
Direct Memory Access Channel 5
This signal is generated by the STATUS_DONE bit.
DMA6
Direct Memory Access Channel 6
This signal is generated by the STATUS_DONE bit.
DMA7
Direct Memory Access Channel 7
This signal is generated by the STATUS_DONE bit.
DMA8
Direct Memory Access Channel 8
This signal is generated by the STATUS_DONE bit.
DMA9
Direct Memory Access Channel 9
This signal is generated by the STATUS_DONE bit.
DMA10
Direct Memory Access Channel 10
This signal is generated by the STATUS_DONE bit.
DMA11
Direct Memory Access Channel 11
This signal is generated by the STATUS_DONE bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com