Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 263 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 263 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 259Page - Microchip Technology MEC1322 Datasheet HTML 260Page - Microchip Technology MEC1322 Datasheet HTML 261Page - Microchip Technology MEC1322 Datasheet HTML 262Page - Microchip Technology MEC1322 Datasheet HTML 263Page - Microchip Technology MEC1322 Datasheet HTML 264Page - Microchip Technology MEC1322 Datasheet HTML 265Page - Microchip Technology MEC1322 Datasheet HTML 266Page - Microchip Technology MEC1322 Datasheet HTML 267Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 263
MEC1322
• The DMA Controller has 12 DMA Channels
• Each DMA Channel may be configured to communicate with any DMA capable device on the 32-bit internal
address space. Each device has been assigned a device number. See Section 21.4.3, "DMA Interface," on
page 259.
The controller will accesses SRAM buffers only with incrementing addresses (that is, it cannot start at the top of a buffer,
nor does it handle circular buffers automatically). The controller does not handle chaining (that is, automatically starting
a new DMA transfer when one finishes).
21.8.1
CONFIGURATION
The DMA Controller is enabled via the ACTIVATE bit in DMA Main Control register.
Each DMA Channel must also be individually enabled via the CHANNEL_ACTIVATE bit in the DMA Channel N Activate
to be operational.
Before starting a DMA transaction on a DMA Channel the host must assign a DMA Master to the channel via HARD-
WARE_FLOW_CONTROL_DEVICE. The host must not configure two different channels to the same DMA Master at
the same time.
Data will be transfered between the DMA Master, starting at the programmed DEVICE_ADDRESS, and the targeted
memory location, starting at the MEMORY_START_ADDRESS. The address for either the DMA Master or the targeted
memory location may remain static or it may increment. To enable the DMA Master to increment its address set the
INCREMENT_DEVICE_ADDRESS bit. To enable the targeted memory location to increment its addresses set the
INCREMENT_MEMORY_ADDRESS. The DMA transfer will continue as long as the target memory address being
accessed is less than the MEMORY_END_ADDRESS. If the DMA Controller detects that the memory location it is
attempting to access on the Target is equal to the MEMORY_END_ADDRESS it will notify the DMA Master that the
transaction is done. Otherwise the Data will be transferred in packets. The size of the packet is determined by the
TRANSFER_SIZE.
21.8.2
OPERATION
The DMA Controller is designed to move data from one memory location to another.
21.8.2.1
Establishing a Connection
A DMA Master will initiate a DMA Transaction by requesting access to a channel. The DMA arbiter, which evaluates
each channel request using a basic round robin algorithm, will grant access to the DMA master. Once granted, the chan-
nel will hold the grant until it decides to release it, by notifying the DMA Controller that it is done.
21.8.2.2
Initiating a Transfer
Once a connection is established the DMA Master will issue a DMA request to start a DMA transfer. If Firmware wants
to have a transfer request serviced it must set the RUN bit to have its transfer requests serviced.
Firmware can initiate a transaction by setting the TRANSFER_GO bit. The DMA transfer will remain active until either
the Master issues a Terminate or the DMA Controller signals that the transfer is DONE. Firmware may terminate a trans-
action by setting the TRANSFER_ABORT bit.
Data may be moved from the DMA Master to the targeted Memory address or from the targeted Memory Address to the
DMA Master. The direction of the transfer is determined by the TRANSFER_DIRECTION bit.
Once a transaction has been initiated firmware can use the STATUS_DONE bit to determine when the transaction is
completed. This status bit is routed to the interrupt interface. In the same register there are additional status bits that
indicate if the transaction completed successfully or with errors. This bits are OR’d together with the STATUS_DONE
bit to generate the interrupt event. Each status be may be individually enabled/disabled from generating this event.
Note:
If Firmware wants to prevent any other channels from being granted while it is active it can set the
LOCK_CHANNEL bit.
Note:
Before initiating a DMA transaction via firmware the hardware flow control mus be disabled via the DIS-
ABLE_HARDWARE_FLOW_CONTROL bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com