Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 268 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 268 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 264Page - Microchip Technology MEC1322 Datasheet HTML 265Page - Microchip Technology MEC1322 Datasheet HTML 266Page - Microchip Technology MEC1322 Datasheet HTML 267Page - Microchip Technology MEC1322 Datasheet HTML 268Page - Microchip Technology MEC1322 Datasheet HTML 269Page - Microchip Technology MEC1322 Datasheet HTML 270Page - Microchip Technology MEC1322 Datasheet HTML 271Page - Microchip Technology MEC1322 Datasheet HTML 272Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 268 / 456 page
background image
MEC1322
DS00001719D-page 268
 2014 - 2015 Microchip Technology Inc.
18 LOCK_CHANNEL
This is used to lock the arbitration of the Channel Arbiter on this
channel once this channel is granted.
Once this is locked, it will remain on the arbiter until it has completed
it transfer (either the Transfer Aborted, Transfer Done or Transfer
Terminated conditions).
Note:
This setting may starve other channels if the locked chan-
nel takes an excessive period of time to complete.
RW
0h
RESET
17 INCREMENT_DEVICE_ADDRESS
This will enable an auto-increment to the DMA Channel Device
Address.
1:
Increment the DMA Channel Device Address by DMA Channel
Control:Transfer Size
after every Data Packet transfer
0:
Do nothing
RW
0h
RESET
16 INCREMENT_MEMORY_ADDRESS
This will enable an auto-increment to the DMA Channel Memory
Address.
1=Increment the DMA Channel Memory Address by DMA Channel
Control:Transfer Size after every Data Packet transfer
0=Do nothing
Note:
If this is not set, the DMA will never terminate the transfer
on its own. It will have to be terminated through the
Hard-
ware Flow Control or through a DMA Channel Con-
trol:Transfer Abort.
RW
0h
RESET
15:9 HARDWARE_FLOW_CONTROL_DEVICE
This is the device that is connected to this channel as its Hardware
Flow Control
master.
The Flow Control Interface is a bus with each master concatenated
onto it. This selects which bus index of the concatenated Flow Con-
trol Interface
bus is targeted towards this channel.
The Flow Control Interface Port list is dma_req, dma_term, and
dma_done
.
RW
0h
RESET
8 TRANSFER_DIRECTION
This determines the direction of the DMA Transfer.
1=Data Packet Read from Memory Start Address followed by Data
Packet Write to Device Address
0=Data Packet Read from Device Address followed by Data Packet
Write to Memory Start Address
RW
0h
RESET
7:6 Reserved
R
-
-
5BUSY
This is a status signal.
1=The DMA Channel is busy (FSM is not IDLE)
0=The DMA Channel is not busy (FSM is IDLE)
RO
0h
RESET
Offset
10h
Bits
Description
Type
Default
Reset
Event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com