Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 249 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 249 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 245Page - Microchip Technology MEC1322 Datasheet HTML 246Page - Microchip Technology MEC1322 Datasheet HTML 247Page - Microchip Technology MEC1322 Datasheet HTML 248Page - Microchip Technology MEC1322 Datasheet HTML 249Page - Microchip Technology MEC1322 Datasheet HTML 250Page - Microchip Technology MEC1322 Datasheet HTML 251Page - Microchip Technology MEC1322 Datasheet HTML 252Page - Microchip Technology MEC1322 Datasheet HTML 253Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 249
MEC1322
Note 20-3
The GPIO input and output registers are LPC I/O accessible via Region 0 of the EMI block. This
access is defined in the EMI Protocols chapter of the firmware specification.
Note 20-4
There is no Pin Control Register 2 for GPIO111-GPIO117 and GPIO120, which are PCI_PIO buffer
type pins. The drive strength and slew rate are not configurable on these pins.
284h
(Note 20-3)
Output GPIO[040:076]
288h
(Note 20-3)
Output GPIO[100:127]
28Ch
(Note 20-3)
Output GPIO[140:176]
290h
(Note 20-3)
Output GPIO[200:236]
300h
(Note 20-3)
Input GPIO[000:036]
304h
(Note 20-3)
Input GPIO[040:076]
308h
(Note 20-3)
Input GPIO[100:127]
30Ch
(Note 20-3)
Input GPIO[140:176]
310h
(Note 20-3)
Input GPIO[200:236]
500h - 51Ch
GPIO000-GPIO007 Pin Control Register 2
520h - 53Ch
GPIO010-GPIO017 Pin Control Register 2
540h - 55Ch
GPIO020-GPIO027 Pin Control Register 2
560h - 578h
GPIO030-GPIO036 Pin Control Register 2
580h - 59Ch
GPIO040-GPIO047 Pin Control Register 2
5A0h - 5BCh
GPIO050-GPIO057 Pin Control Register 2
5C0h - 5DCh
GPIO060-GPIO067 Pin Control Register 2
5E0h - 5FCh
GPIO100-GPIO107 Pin Control Register 2
600h
GPIO110 Pin Control Register 2
604h - 623h
MCHP Reserved (Note 20-4)
624h - 63Ch
GPIO121-GPIO127 Pin Control Register 2
640h - 658h
GPIO130-GPIO136 Pin Control Register 2
660h - 67Ch
GPIO140-GPIO147 Pin Control Register 2
680h - 69Ch
GPIO150-GPIO157 Pin Control Register 2
6A0h - 6B4h
GPIO160-GPIO165 Pin Control Register 2
720h - 730h
GPIO200-GPIO204 Pin Control Register 2
738h
GPIO206 Pin Control Register 2
740h - 744h
GPIO210-GPIO211 Pin Control Register 2
TABLE 20-7:
REGISTER SUMMARY (CONTINUED)
Offset
Register Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com