Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 250 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 250 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 246Page - Microchip Technology MEC1322 Datasheet HTML 247Page - Microchip Technology MEC1322 Datasheet HTML 248Page - Microchip Technology MEC1322 Datasheet HTML 249Page - Microchip Technology MEC1322 Datasheet HTML 250Page - Microchip Technology MEC1322 Datasheet HTML 251Page - Microchip Technology MEC1322 Datasheet HTML 252Page - Microchip Technology MEC1322 Datasheet HTML 253Page - Microchip Technology MEC1322 Datasheet HTML 254Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 250 / 456 page
background image
MEC1322
DS00001719D-page 250
 2014 - 2015 Microchip Technology Inc.
20.8
Pin Control Registers
Two Pin Control Registers are implemented for each GPIO. The Pin Control Register format is described in Section
20.8.1, "Pin Control Register," on page 250.
The Pin Control Register 2 format is described in Section 20.8.2, "Pin
Control Register 2," on page 253. Pin Control Register address offsets and defaults are defined in Table 20-5, “Pin
Control Registers,” on page 245.
20.8.1
PIN CONTROL REGISTER
Note:
The following GPIOs that do not exist in the 128-pin package are configured as inputs and grounded in the
package. Firmware should not attempt to turn those GPIOs into outputs and drive them high, or excessive
current will be consumed.
• GPIO067
• GPIO055
• GPIO210
• GPIO200
• GPIO202
• GPIO201
• GPIO203
• GPIO204
The following GPIOs that do not exist in the 128-pin package are not connected (NC) in the package. These
GPIOs should be configured as inputs and the internal pull-down should be enabled.
• GPIO211
• GPIO123
Offset
See Note 20-5
Bits
Description
Type
Default
Reset
Event
31:25 RESERVED
RES
-
-
24 GPIO input from pad
On reads, Bit [24] reflects the state of GPIO input from the pad
regardless of setting of Bit [10].
Note:
This bit is forced high when the selected power well is off
as selected by the Power Gating Signal bits. See bits[3:2].
R
Note 20-5
VCC1_R
ESET
23:17 RESERVED
RES
-
-
16 Alternative GPIO data
If enabled by the Output GPIO Write Enable bit, the Alternative GPIO
data bit determines the level on the GPIO pin when the pin is config-
ured for the GPIO output function.
On writes:
If enabled via the Output GPIO Write Enable
0: GPIO[x] out = ‘0’
1: GPIO[x] out = ‘1’
Note:
If disabled via the Output GPIO Write Enable then the
GPIO[x] out pin is unaffected by writing this bit.
On reads:
Bit [16] returns the last programmed value, not the value on the pin.
R/W
Note 20-5
VCC1_R
ESET
15:14 RESERVED
RES
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com