Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9779WD Datasheet(PDF) 56 Page - STMicroelectronics

Part # L9779WD
Description  Multifunction IC for engine management system
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD Datasheet(HTML) 56 Page - STMicroelectronics

Back Button L9779WD Datasheet HTML 52Page - STMicroelectronics L9779WD Datasheet HTML 53Page - STMicroelectronics L9779WD Datasheet HTML 54Page - STMicroelectronics L9779WD Datasheet HTML 55Page - STMicroelectronics L9779WD Datasheet HTML 56Page - STMicroelectronics L9779WD Datasheet HTML 57Page - STMicroelectronics L9779WD Datasheet HTML 58Page - STMicroelectronics L9779WD Datasheet HTML 59Page - STMicroelectronics L9779WD Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 170 page
background image
Functional description
L9779WD
56/170
DocID027452 Rev 5
OUT
1 to 4
PWclampRP
Clamp repetitive pulses
Freq = 50 Hz (to be verified)
Tc ≤ 30°C; I_OUT_n ≤ 1.8 A
13 Mio cycles
--
7.5
mJ
Tc ≤ 65°C; I_OUT_n ≤ 1.4 A
130 Mio cycles
--
4
Tc ≤ 80°C; I_OUT_n ≤ 1.4 A
214 Mio cycles
--
4
Tc ≤ 100°C; I_OUT_n ≤ 1.4 A
175 Mio cycle
--
4
Tc ≤ 115°C; I_OUT_n ≤ 1.4 A
45 Mio cycle
--
4
Tc ≤ 130°C; I_OUT_n ≤ 1.0 A
65 Mio cycle
--
3
Tc ≤ 145°C; I_OUT_n ≤ 1.0 A
6 Mio cycle
--
3
Reverse
voltage
Body diode reverse current
voltage drop (valid for OUT5
also)
I = -2.2 A
-0.5
-
-1.2
V
OUT5
PWclampSP
Clamp single pulse
Iload = 1.25 A single pulse
-
-
25
mJ
PWclampRP
Clamp repetitive pulses
Freq = 30 Hz
Tc < 30°C; I_OUT5 < 0.7 A
21 Mio cycles
--
17
Tc < 65°C; I_OUT5 < 0.7 A
70 Mio cycles
--
14
Tc < 80°C; I_OUT5 < 0.7 A
115.5 Mio cycles
--
14
Tc < 90°C; I_OUT5 < 0.7 A
63 Mio cycles
--
14
Tc < 100°C; I_OUT5 < 0.7 A
31.5 Mio cycles
--
14
Tc < 105°C; I_OUT5 < 0.7 A
10.5 Mio cycles
--
14
Tc < 110°C; I_OUT5 < 0.7 A
7 Mio cycles
--
14
Tc < 115°C; I_OUT5 < 0.7 A
5.95 Mio cycles
--
14
Tc < 120°C; I_OUT5 < 0.7 A
5.25 Mio cycles
--
12
Tc < 125°C; I_OUT5 < 0.7 A
4.9 Mio cycles
--
12
Tc < 130°C; I_OUT5 < 0.7 A
4.55 Mio cycles
--
12
Table 19. LSa electrical characteristics (continued)
Pin
Symbol
Parameter
Test condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com