Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9779WD Datasheet(PDF) 81 Page - STMicroelectronics

Part # L9779WD
Description  Multifunction IC for engine management system
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD Datasheet(HTML) 81 Page - STMicroelectronics

Back Button L9779WD Datasheet HTML 77Page - STMicroelectronics L9779WD Datasheet HTML 78Page - STMicroelectronics L9779WD Datasheet HTML 79Page - STMicroelectronics L9779WD Datasheet HTML 80Page - STMicroelectronics L9779WD Datasheet HTML 81Page - STMicroelectronics L9779WD Datasheet HTML 82Page - STMicroelectronics L9779WD Datasheet HTML 83Page - STMicroelectronics L9779WD Datasheet HTML 84Page - STMicroelectronics L9779WD Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 170 page
background image
DocID027452 Rev 5
81/170
L9779WD
Functional description
169
In each configuration there is one central diagnostic bit F2 for fault occurrence at any output.
6.13.3
Diagnosis of CPS [OUT21 to OUT28] when configured as H-bridges
Stepper motor driver OFF diagnosis (output in high impedance state).
In OFF condition Short to GND/Short to VB or Open Load condition is continuously detected
through a deglitch filter Tdgc_off, after Tmask_step masking time to filter ON/ OFF
transition. To avoid false diagnostic due to motor residual movement, the off command (EN
bit=0) must be sent Tsettle time after the last valid on command PWM bit written to 1 (one
couple of HS and LS switched on). A fault longer than deglitch time is latched.
Off state diagnostic fault can be overwritten by on state fault.
Off state fault does not prevent the stepper from switching on. The latched fault is cleared by
reading the diagnosis data registers via MSC - and so resetting the diagnosis registers.
An Off state due to a wrong command sent by MSC interface does not activate the Off
diagnosis.
Stepper motor driver ON diagnosis (Output driven by MSC CONTR_REG bit)
In ON condition when over current fault is detected and validated after digital filtering time
Tdgc_ON, the bridge is turned OFF and the fault is latched. The bridge is turned ON again
by MSC command. The latched fault is cleared by reading the diagnosis data registers via
MSC and so resetting the diagnosis registers.
Over current fault has higher priority over OFF condition faults.
Each Bridge has dedicated fault diagnosis register DIAG_H1, DIAG_H2.
In ON condition if the current in the load current is lower than I_OPEN_LOAD for a time
longer than Tdgc_ol_on, an Open load condition is detected
It could be necessary two steps of the stepper motor operation to detect the real kind of
fault, in this case as first diagnosis the fault is "Fault detection running" and with the next
PWM command it is possible to understand if the fault is an OPEN LOAD or an
OVERCURRENT/SHORT to GND.
The Faults "DETECTION_RUNNING" & "OPEN LOAD" are latched during the during rise &
fall edge of low-side driver command, if the fault disappeared during these phases the fault
condition is no latched:
–
The FAULT DETECTION RUNNING is no latched, the fault comes back to 0 if the
current becomes higher than open load threshold, before the switch off of low-side
driver.
–
The FAULT OPEN LAOD is no latched, the fault comes back to 0 if the current
becomes higher than open load threshold, before the switch off of low-side driver.
A diagnostic read will clear the “fault detection running” flag. Anyway the diagnostic will
restart.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com