Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9779WD Datasheet(PDF) 36 Page - STMicroelectronics

Part # L9779WD
Description  Multifunction IC for engine management system
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD Datasheet(HTML) 36 Page - STMicroelectronics

Back Button L9779WD Datasheet HTML 32Page - STMicroelectronics L9779WD Datasheet HTML 33Page - STMicroelectronics L9779WD Datasheet HTML 34Page - STMicroelectronics L9779WD Datasheet HTML 35Page - STMicroelectronics L9779WD Datasheet HTML 36Page - STMicroelectronics L9779WD Datasheet HTML 37Page - STMicroelectronics L9779WD Datasheet HTML 38Page - STMicroelectronics L9779WD Datasheet HTML 39Page - STMicroelectronics L9779WD Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 170 page
background image
Functional description
L9779WD
36/170
DocID027452 Rev 5
Figure 14. RST pin as a function of VDD5 (if CONFIG_REG6 bit3 = Low)
Table 11. RST pin electrical characteristics
Pin
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
As output
RST
VUV_LO
Output low voltage
1 < VDD5 < VDD_UV
Rreset = 4.7K
--
0.4
V
IUVres_max Input current
VDD5 = VDD_UV
VUV_reset = 0.6 V
1-
-
mA
IlkUV_reset
Input leakage current
VUV_reset> VDD_UV
-
-
1
µA
TD_UV_RS
T
Power-on reset delay
Tested by scan
17
-
30
ms
TNL
Power latch mode exit delay
Tested by scan
1.4
2
2.6
ms
As input
RST
RST_L
RST Input low voltage
-
-0.3
-
1.1
V
RST_H
RST input high voltage
-
2.3
-
VDD+0.3
V
Trst_flt
Reset filter time
Tested by scan
7.5
10
12.5
µs
RRST_PU
RST pull-up resistor
-
50
-
250
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com