Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9779WD Datasheet(PDF) 15 Page - STMicroelectronics

Part # L9779WD
Description  Multifunction IC for engine management system
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L9779WD Datasheet HTML 11Page - STMicroelectronics L9779WD Datasheet HTML 12Page - STMicroelectronics L9779WD Datasheet HTML 13Page - STMicroelectronics L9779WD Datasheet HTML 14Page - STMicroelectronics L9779WD Datasheet HTML 15Page - STMicroelectronics L9779WD Datasheet HTML 16Page - STMicroelectronics L9779WD Datasheet HTML 17Page - STMicroelectronics L9779WD Datasheet HTML 18Page - STMicroelectronics L9779WD Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 170 page
background image
DocID027452 Rev 5
15/170
L9779WD
Pins description
169
30
OUT13
Output low-side 13 for relay (low.
bat.)
Power output
Open drain
31
OUT14
Output low-side 14 for relay (low.
bat.)
Power output
Open drain
54
OUT15
output low-side 15 for relay
Power output
Open drain
24
OUT16
Output low-side 16 for relay
Power output
Open drain
32
OUT17
Output low-side 17 for relay
Power output
Open drain
55
OUT18
Output low-side 18 for relay
Power output
Open drain
58
PGND
Power GND
PGND
-
59
PGND
Power GND
PGND
-
Ignition pre-driver
22
IGN1
Output ignition driver 1
Power output
-
62
IGN2
Output ignition driver 2
Power output
-
63
IGN3
Output ignition driver 3
Power output
-
64
IGN4
Output ignition driver 4
Power output
-
21
GND_STEP Analog GND
AGND
-
Main relay driver
23
MRD
Main relay driver
Power output
Open drain
Low current drivers (50 mA)
39
OUT19
Output low-side 19
Power Output
Open drain
40
OUT20
Output low-side 20
Power Output
Open drain
Ext MOS pre-driver
33
DRAIN8
Ext. drain voltage sense for OUT8
Input
-
34
OUT8
Gate driver for ext MOS OUT8
Power output
-
35
DRAIN9
Ext. Drain voltage sense for OUT9
Input
-
36
OUT9
Gate driver for ext MOS OUT9
Power output
-
MSC interface
51
CLP
Clock positive for differential
interface
DGT Input
-
50
CLN
Clock negative for differential
interface
DGT Input
-
49
DIP
Downstream data positive for
differential interface
DGT Input
-
48
DIN
Downstream data negative for
differential interface
DGT Input
-
53
EN
Enable pin
DGT Input
-
Table 2. Pins description (continued)
Pin#
Name
Function
Type
Polarization/note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com