Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9779WD Datasheet(PDF) 78 Page - STMicroelectronics

Part # L9779WD
Description  Multifunction IC for engine management system
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD Datasheet(HTML) 78 Page - STMicroelectronics

Back Button L9779WD Datasheet HTML 74Page - STMicroelectronics L9779WD Datasheet HTML 75Page - STMicroelectronics L9779WD Datasheet HTML 76Page - STMicroelectronics L9779WD Datasheet HTML 77Page - STMicroelectronics L9779WD Datasheet HTML 78Page - STMicroelectronics L9779WD Datasheet HTML 79Page - STMicroelectronics L9779WD Datasheet HTML 80Page - STMicroelectronics L9779WD Datasheet HTML 81Page - STMicroelectronics L9779WD Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 170 page
background image
Functional description
L9779WD
78/170
DocID027452 Rev 5
Figure 46. Stepper motor operation diagram
The writing of DIR bit and PWM bit cannot be done in the same time, at least two
consecutive MSC frames are necessary.(if done the stepper will move one step in the old
direction).
The writing of EN bit and PWM bit cannot be done in the same time, at least two
consecutive MSC frames are necessary. (If done it is supposed that only the EN bit has
been received).
Table 32. H-bridge1 configurable power stages OUT [21 to 24]
H-bridge1
Comment
Nominal
current
Ron max
Switch off
current
(min.)
Clamping
(typ.)
OUT21
High-side P-Ch
0.6 A
1.5 Ω
1 A
N/A
OUT22
Low-side N-Ch
0.6 A
1.5 Ω
1 A
45 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com