Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9779WD Datasheet(PDF) 18 Page - STMicroelectronics

Part # L9779WD
Description  Multifunction IC for engine management system
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L9779WD Datasheet HTML 14Page - STMicroelectronics L9779WD Datasheet HTML 15Page - STMicroelectronics L9779WD Datasheet HTML 16Page - STMicroelectronics L9779WD Datasheet HTML 17Page - STMicroelectronics L9779WD Datasheet HTML 18Page - STMicroelectronics L9779WD Datasheet HTML 19Page - STMicroelectronics L9779WD Datasheet HTML 20Page - STMicroelectronics L9779WD Datasheet HTML 21Page - STMicroelectronics L9779WD Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 170 page
background image
Absolute maximum ratings
L9779WD
18/170
DocID027452 Rev 5
5
Absolute maximum ratings
Warning:
Maximum ratings are absolute ratings: exceeding any of
these values may cause permanent damage to the integrated
circuit
Table 3. Absolute maximum ratings
Pin
Parameter
Condition
Value
Unit
VB
DC supply battery
power voltage (Vb)
Also without external
components
-0.3 to +40
V
V3V3
DC logic supply
voltage
-
-0.3 to VDD5, when
V3V3 = VDD5 = max+19V
V
VTRK1,2
DC sensors supply
voltage
-
-2 to +40
V
VDD_G
-
-
-0.3 to VDD5, when
VDDG = VDD5 = max+19
V
VDD5
Voltage pin
-
-0.3 to 19
V
CP
-
-
-0.3 to 40
Max ABS = +40 V when
VB = 40 V
V
KEY_ON
-
Protected with external
component (R = 1 kΩ plus a
diode, refer to Figure 4) for
negative pulse (isopulse 1)
-1.2 to +40
V
RST
-
-
-0.3 to +19
V
VRSP
-
Max current to be limited with
external resistors
(see Section 6.16.3: Application
circuits on page 106)
-20 to +20
mA
VRSM
-
Max current to be limited with
external resistors
(see Section 6.16.3: Application
circuits on page 106)
-20 to +20
mA
MRD
-
-
-0.3 to +40
V
OUT1-5
Low-side output
-
-1 to +53
V
OUT6-7
Low-side output
-
-1 to +40
V
OUT8-9
-
-
-0.3 to 40
V
VDD_IO
DC logic output
supply voltage
-
-0.3 to 19
V
DRAIN8-9
-
-
-1 to 60
V
WDA_INT
-
-
-0.3 to 19
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com