Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9779WD Datasheet(PDF) 87 Page - STMicroelectronics

Part # L9779WD
Description  Multifunction IC for engine management system
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD Datasheet(HTML) 87 Page - STMicroelectronics

Back Button L9779WD Datasheet HTML 83Page - STMicroelectronics L9779WD Datasheet HTML 84Page - STMicroelectronics L9779WD Datasheet HTML 85Page - STMicroelectronics L9779WD Datasheet HTML 86Page - STMicroelectronics L9779WD Datasheet HTML 87Page - STMicroelectronics L9779WD Datasheet HTML 88Page - STMicroelectronics L9779WD Datasheet HTML 89Page - STMicroelectronics L9779WD Datasheet HTML 90Page - STMicroelectronics L9779WD Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 170 page
background image
DocID027452 Rev 5
87/170
L9779WD
Functional description
169
Electrical and diagnosis characteristics of [OUT22], [OUT24], [OUT27],
[OUT28] when configured as single power stages
Same parameter and diagnosis function as LSd.
Table 35. Electrical and diagnosis characteristics of [OUT22], [OUT24], [OUT27], [OUT28] when
configured as single power stages
Pin
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
OUT22,
24,27,28
RDS-on LSd
Drain source resistance
Iload = 0.6 A
-
-
1.5
IOUTlk
Output leakage current
Vpin = 13.5 V
-
-
10
µA
VS/R
Voltage S/R On/off
R = 21 Ω, C = 10nF
From 80% to 30% of
VOUT
2-6
V/us
VS/R GateKill
Fast VR/S off when an
OVC fault happens
Load: 8 Ω, 10nF - from
80% to 30% of VOUT
5-
30
V/µs
TTurn-On_ LSd Turn-on delay time
From command to 80%
VOUT Load: 21 Ω, 10nF
--
6
µs
TTurn-Off_ LSd Turn-off delay time
From command to 30%
VOUT Load: 21 Ω, 10nF
--
6
µs
TFILTEROVC
Over current filtering
time
Tested by scan
2
3
4
µs
TFILTERdiagoff
Filtering open load and
short to GND diag. off
Tested by scan
8
10
12
µs
Td_mask
Diagnosis mask delay
after switch-off
Tested by scan
350
400
450
µs
1.5 Ω
Output clamping voltage Iload = 0.6A
46
48
50
V
PWclampSP
Clamp single pulse ATE
test
Iload = 0.6A; single pulse
-
-
15
mJ
PWclampRP
Clamp repetitive pulses
Freq = 1 Hz
(to be verified) Reliability
Test
Tc ≤ 30 °C;
I_OUT_n ≤ 0.45 A
1 Mio cycles
--
6.5
mJ
Tc ≤ 80°C;
I_OUT_n ≤ 0.3A
25 Mio cycle
--
6.5
Tc ≤ 100°C;
I_OUT_n ≤ 0.3A
20 Mio cycle
--
6.5
Tc ≤ 130 °C;
I_OUT_n ≤ 0.3 A
5 Mio cycle
--
5.5
Reverse
voltage
Body diode reverse
current voltage drop
I = -0.6 A
-0.5
-1
-1.1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com