Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9779WD Datasheet(PDF) 96 Page - STMicroelectronics

Part # L9779WD
Description  Multifunction IC for engine management system
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD Datasheet(HTML) 96 Page - STMicroelectronics

Back Button L9779WD Datasheet HTML 92Page - STMicroelectronics L9779WD Datasheet HTML 93Page - STMicroelectronics L9779WD Datasheet HTML 94Page - STMicroelectronics L9779WD Datasheet HTML 95Page - STMicroelectronics L9779WD Datasheet HTML 96Page - STMicroelectronics L9779WD Datasheet HTML 97Page - STMicroelectronics L9779WD Datasheet HTML 98Page - STMicroelectronics L9779WD Datasheet HTML 99Page - STMicroelectronics L9779WD Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 170 page
background image
Functional description
L9779WD
96/170
DocID027452 Rev 5
CAN error handling
The L9779WD provides the following 4 error handling features that are realized in different
stand alone CAN transceivers / micro controllers to switch the application back to normal
operation mode.
If one of the below fault happens the status bit CAN_ERROR is set.
The error handling features can be disabled through the CAN_ERR_DIS bit.
1.
Dominant CAN_TX time out
If CAN_TX is in dominant state (low) for t > tdom (TxD) the transmitter will be disabled,
status bit will be latched and can be read and cleared by MSC. The transmitter remains
disabled until the status register is cleared.
2.
CAN permanent recessive
If CAN_TX changes to dominant (low) state but CAN bus (CAN_RX pin) does not
follow for 4 times, the transmitter will be disabled, status bit will be latched and can be
read and cleared by MSC. The transmitter remains disabled until the status register is
cleared.
3.
CAN permanent dominant
If the CAN bus state is dominant (low) for t > tCAN a permanent dominant status will be
detected. The status bit will be latched and can be read and cleared by MSC. The
transmitter will not be disabled.
4.
CAN_RX permanent recessive
If CAN_RX pin is clamped to recessive (high) state, the controller is not able to
recognize a bus dominant state and could start messages at any time, which results in
disturbing the overall bus communication.
Therefore, if RX_ECHO does not follow CAN_TX for 4 times the transmitter will be
disabled. The status bit will be latched and can be read and optionally cleared by MSC.
The transmitter remains disabled until the status register is cleared.
CAN transceiver electrical characteristics
Table 42. CAN transceiver electrical characteristics
Pin
Symbol
Description
Test conditions
Min
Typ
Max
Unit
CAN_TX
VTX_CANLOW
Input voltage
dominant level
Active mode
-0.3
-
1.1
V
VTX_CANHIGH
Input voltage
recessive level
Active mode
2.3
-
VDD
+0.3
V
VTX_CANHYS
VTX_CANHIGH-
VTX_CANLOW
Active mode
0.25
0.5
-
V
RTX_CANPU
CAN_TX pull up
resistor
Active Mode
50
-
250
kΩ
CAN_RX
VRX_CANLOW
Output voltage
dominant level
Active mode,
VDD_IO = 5 V or 3.3 V, 2 mA
--
0.5
V
VRX_CANHIGH
Output voltage
recessive level
VDD_IO
-0.5
--
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com