Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9779WD Datasheet(PDF) 60 Page - STMicroelectronics

Part # L9779WD
Description  Multifunction IC for engine management system
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD Datasheet(HTML) 60 Page - STMicroelectronics

Back Button L9779WD Datasheet HTML 56Page - STMicroelectronics L9779WD Datasheet HTML 57Page - STMicroelectronics L9779WD Datasheet HTML 58Page - STMicroelectronics L9779WD Datasheet HTML 59Page - STMicroelectronics L9779WD Datasheet HTML 60Page - STMicroelectronics L9779WD Datasheet HTML 61Page - STMicroelectronics L9779WD Datasheet HTML 62Page - STMicroelectronics L9779WD Datasheet HTML 63Page - STMicroelectronics L9779WD Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 170 page
background image
Functional description
L9779WD
60/170
DocID027452 Rev 5
6.9.3
LSc function OUT19, 20 (low current drivers)
Figure 35. LSc function OUT19, 20 (low current drivers)
LSc functionality description
LSc are 2 protected Low-Side drivers with diagnosis and over current protection circuit. The
off state diagnosis (open load and short to GND) detection can be switched off by
OFF_LCDR bit.
They are driven via MicroSecond Channel.
When Reset_L9779 signal or OUT_DIS bit is asserted OUT_LSc is switched off.
When an over current fault occurs, the driver switches off with faster slew rate in order to
reduce the power dissipation.
The turn on/off time is fixed. During turn-off the slope is fixed by external RC load.
Max Cload = 20 nF.
Table 24. LSc electrical characteristics
Pin
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
OUT 19, 20
RDS-on LSc
Drain source resistance
Iload = 50 mA
-
-
20
IOUTlk
Output leakage current
Vpin = 13.5 V @hot
-
-
10
µA
TTurn-on_ LSb
Turn-on delay time
From command to 80%
VOUT; Load: 250 Ω, 10 nF
--
5
µs
TTurn-off_ LSb
Turn-off delay time
From command to 30%
VOUT; Load: 250 Ω, 10 nF
--
5
µs
Vcl
Output clamping voltage Iload = 50 mA
40
45
50
V
PWclampSP
Clamp single pulse ATE
test
--
-
3.5
mJ
PWclampRP
Clamp repetitive pulses
Reliability Test
Tc ≤ 145 °C;
I_OUT_n < 0.03 A
0.5 Mio cycles
--
0.2
mJ
Reverse current
Body diode reverse
current voltage drop
I = -50 mA
-0.5
-1
-1.1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com