Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9779WD Datasheet(PDF) 41 Page - STMicroelectronics

Part # L9779WD
Description  Multifunction IC for engine management system
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD Datasheet(HTML) 41 Page - STMicroelectronics

Back Button L9779WD Datasheet HTML 37Page - STMicroelectronics L9779WD Datasheet HTML 38Page - STMicroelectronics L9779WD Datasheet HTML 39Page - STMicroelectronics L9779WD Datasheet HTML 40Page - STMicroelectronics L9779WD Datasheet HTML 41Page - STMicroelectronics L9779WD Datasheet HTML 42Page - STMicroelectronics L9779WD Datasheet HTML 43Page - STMicroelectronics L9779WD Datasheet HTML 44Page - STMicroelectronics L9779WD Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 170 page
background image
DocID027452 Rev 5
41/170
L9779WD
Functional description
169
Capacitor legend:
1H
 50 V
1E
 25 V
1C
 16 V
X7R
 -40 to 125 °C ±15%
K
 -40 to 125 °C ±10%
Note:
Others N-MOSFET can be used provided that they have similar threshold voltage and input
capacitance; however regulator transient performances may have deviation to be checked.
PCB layout Note: The Cin capacitor on VB line should be put as close as possible to the
drain of external MOS. The suggestion PCB layout is as below.
Figure 17. Circuit and PCB layout suggested
V3V3
CV3V3
External V3V3
capacitor
1 µF
-
10 µF
C2012X7R1E105K--1 µF
C1608X7R1C105K--1 µF
C3216X7R1H105K--1 µF
C3225X7R1E106K--10 µF
C3225X7R1C106K--10 µF
CP
CP
External charge pump
capacitor
-20%
100nF
+20%
-
Table 13. Voltage regulators external components required (continued)
Pin
Symbol
Parameter
Min
Typ
Max
Suggested part number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com