Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9779WD Datasheet(PDF) 85 Page - STMicroelectronics

Part # L9779WD
Description  Multifunction IC for engine management system
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD Datasheet(HTML) 85 Page - STMicroelectronics

Back Button L9779WD Datasheet HTML 81Page - STMicroelectronics L9779WD Datasheet HTML 82Page - STMicroelectronics L9779WD Datasheet HTML 83Page - STMicroelectronics L9779WD Datasheet HTML 84Page - STMicroelectronics L9779WD Datasheet HTML 85Page - STMicroelectronics L9779WD Datasheet HTML 86Page - STMicroelectronics L9779WD Datasheet HTML 87Page - STMicroelectronics L9779WD Datasheet HTML 88Page - STMicroelectronics L9779WD Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 170 page
background image
DocID027452 Rev 5
85/170
L9779WD
Functional description
169
6.13.4
Diagnosis of CPS [OUT21 to OUT28] when configured as single power
stages
For the low side the diagnosis is the same as LSd.
For the high side the diagnosis is described below.
Each channel locally detects and writes its own fault or no-fault condition (codified on 2 bit
according to Table 28: Fault encoding condition).
Short circuit to battery or overcurrent for all the outputs during ON condition.
Open load or short to GND during OFF condition.
The faults are latched and reset at every Read Diag operation.
In OFF condition the first fault detected is latched and can be overwritten only by the ON
condition fault.
Channel “on”
Short to GND:
Current diagnosis is the result of a comparison between driver load current and internal
Ilimit thresholds.
If:
ILOAD > IOVC for t > TFILTEROVC
the driver is switched off and the fault is set, latched and reset at every Read Diag
operation.
When the fault occurs the driver is switched off with a controlled slew-rate.
The Drivers switches on AGAIN in the following conditions:
If command goes inactive and then active again
If command remains active driver is switched automatically on at every Read Diag
operation.
Short to VB:
Not available.
Open load:
Not available.
OUT21…28
Tmask_step
-
Test by scan
-25%
1
+25%
ms
Tsettle
-
For information only;
No tested
100
-
-
ms
T_PWM
Operating frequency
For information only;
No tested
50
-
-
µs
Table 34. Stepper configuration electrical characteristics (continued)
Pin
Symbol
Parameter
Test condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com