Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9779WD Datasheet(PDF) 88 Page - STMicroelectronics

Part # L9779WD
Description  Multifunction IC for engine management system
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD Datasheet(HTML) 88 Page - STMicroelectronics

Back Button L9779WD Datasheet HTML 84Page - STMicroelectronics L9779WD Datasheet HTML 85Page - STMicroelectronics L9779WD Datasheet HTML 86Page - STMicroelectronics L9779WD Datasheet HTML 87Page - STMicroelectronics L9779WD Datasheet HTML 88Page - STMicroelectronics L9779WD Datasheet HTML 89Page - STMicroelectronics L9779WD Datasheet HTML 90Page - STMicroelectronics L9779WD Datasheet HTML 91Page - STMicroelectronics L9779WD Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 170 page
background image
Functional description
L9779WD
88/170
DocID027452 Rev 5
Electrical characteristics of [OUT22], [OUT24], [OUT27], [OUT28] when
configured as single power stages connected in parallel
When the low side drivers are connected in parallel (in pair) to obtain a low side driver with a
lower resistance, OUT22 with OUT24 and OUT27 with OUT28, the following parameters
should be considered:
Table 36. Electrical characteristics of [OUT22], [OUT24], [OUT27], [OUT28] when configured as
single power stages connected in parallel (For information only)
Pin
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Out 22_24,
27_28
Imax
Output current
Not tested
-
1.2
-
A
RDS-on LSd
Drain source resistance Iload = 1.2 A
-
-
0.75
Ω
IOUTlk
Output leakage current
(1)
-
-
10
µA
VS/R
Voltage S/R on/off
2
-
6
-
TTurn-on
Turn-on delay time
-
-
6
µs
TTurn-off
Turn-off delay time
-
-
6
µs
IOVC
-2
-
4.2
A
TFILTEROVC
Over current filtering
time
Tested by scan
2
3
4
µs
TFILTERdiagoff
Filtering open load and
short to GND diag. off
Tested by scan
8
10
12
µs
Td_mask
Diagnosis mask delay
after switch-off
Tested by scan
350
400
450
µs
PWclampSP
Clamp single pulse
Iload = 1 A; single
pulse(1)
--
25
mJ
PWclampRP
Clamp repetitive pulses
Reliability note:
Iload = 0.6 A
Freq =10 Hz;
36 Mpulse (1000h)
--
12
mJ
IOUT_PD
Output diagnostic pull
down current off state
Vpin = 5 V (1)
50
-
110
µA
IOUT_PU
Output diagnostic pull
up current off state
(1)
-210
-
-108
µA
∆Vclamp
Delta clamping voltage
between low side to be
parallelized
-250
-
+250
mV
1. Not to be tested, already covered by single low side measure and guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com