Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9779WD Datasheet(PDF) 19 Page - STMicroelectronics

Part # L9779WD
Description  Multifunction IC for engine management system
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L9779WD Datasheet HTML 15Page - STMicroelectronics L9779WD Datasheet HTML 16Page - STMicroelectronics L9779WD Datasheet HTML 17Page - STMicroelectronics L9779WD Datasheet HTML 18Page - STMicroelectronics L9779WD Datasheet HTML 19Page - STMicroelectronics L9779WD Datasheet HTML 20Page - STMicroelectronics L9779WD Datasheet HTML 21Page - STMicroelectronics L9779WD Datasheet HTML 22Page - STMicroelectronics L9779WD Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 170 page
background image
DocID027452 Rev 5
19/170
L9779WD
Absolute maximum ratings
169
5.1
ESD protection
Test circuit according to HBM (EIA/JESD22-A114-B) and CDM (EIA/JESD22-C101-C).
OUT13-18
Low-side output
-
-1 to +40
V
OUT19-20
Low-side output
-
-1 to +40
IGNx
-
-
-1 to 19
V
OUT21, 23, 25,
26
High-side output
With external diode vs
ground for negative
voltage
-1.0 to VB
(–2.0 dynamically for a short
time)
V
OUT22, 24, 27
28
Low-side output
-
-1 to 41
V
DIP,DIN
-
-
-0.3 to +19
V
DO,
CAN_RX,K_RX,
OUT_VRS
-
-
-0.3 to VDD_IO, when
DO = VDD_IO = max+19V
V
EN
-
-
-0.3 to +19
V
CLP,CLN
-
-
-0.3 to +19
V
CAN_TX
-
-
-0.3 to +19
V
CAN_H, CAN_L -
-
-18 to 40 (1)
V
K_TX
-
-
-0.3 to +19
V
K_LINE
-
-
-18 to 40
V
1. In case of negative voltage is applied on CAN_H or CAN_L the voltage slew rate must be <10 V/µs.
Table 3. Absolute maximum ratings (continued)
Pin
Parameter
Condition
Value
Unit
Table 4. ESD protection
Item
Condition
Min
Max
Unit
All pins
Electro static discharge voltage “Charged-device-model – CDM”
all pin(1)
-500
+500
V
All pins
Electro static discharge voltage “Charged-device-model – CDM”
corner pin (1,20,21,32,33,52,53,64)
-750
+750
V
All pins
ESD voltage HBM respect to GND
-1.5
+1.5
KV
Pins to connector(2) ESD voltage HBM respect to GND
-4
+4
KV
1. All pins are OK at ±500 V except VTRK1, VTRK2, VB, CP, HIGHSIDE21-23-25-26. [1, 9, 10, 12, 14, 15, 18 e 19]. Pins 1, 9,
10, 12, 14, 15, 18 e 19 passed ±350 V
2. Pins to connector are: LSa, LSb, LSc, LSd, DRAIN1-3, IGNx,VTRK1-2, CAN_H, CAN_L, K_LINE, OUT22, 24, 27, 28. (60,
61, 24, 25, 28, 29, 30, 31, 32, 39, 40, 54, 55, 56, 57, 22, 62, 63, 64, 9, 10, 42, 41, 45, 13, 16, 17, 20, 33, 35).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com