Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9779WD Datasheet(PDF) 48 Page - STMicroelectronics

Part # L9779WD
Description  Multifunction IC for engine management system
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD Datasheet(HTML) 48 Page - STMicroelectronics

Back Button L9779WD Datasheet HTML 44Page - STMicroelectronics L9779WD Datasheet HTML 45Page - STMicroelectronics L9779WD Datasheet HTML 46Page - STMicroelectronics L9779WD Datasheet HTML 47Page - STMicroelectronics L9779WD Datasheet HTML 48Page - STMicroelectronics L9779WD Datasheet HTML 49Page - STMicroelectronics L9779WD Datasheet HTML 50Page - STMicroelectronics L9779WD Datasheet HTML 51Page - STMicroelectronics L9779WD Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 170 page
background image
Functional description
L9779WD
48/170
DocID027452 Rev 5
Table 17. 5V tracking sensor supply electrical characteristics
Pin
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
VTRK_1
VTRK_2
VTRK
Output voltage tracking error
VB = 6-18 V
1 mA < IVTRK < 100 mA
VDD5
-20
-
VDD5
+20
mV
IVTRK_MAX
Output current limitation
VTRK1,2
VTRK = -1V
160
-
400
mA
VLINE_trk Line regulation voltage VTRK
VB = 6-18 V
1 mA < IVTRK < 100 mA
Ctrk = 1 µF
--
20
mV
Vload_ trk
Load regulation voltage VTRK
VB = 6-18 V
1 mA < IVTRK < 100 mA
Ctrk = 1 µF
--
20
mV
Isink_VTRK Short circuit reverse current
Output shorted
to Vbat +2 V
--
4
mA
ITH_UVTRK Over current threshold VTRK VB = 6-18 V
101
-
IVTRK_MAX mA
VTH_OVTRK V threshold over voltage VTRK Ramp on tracking output
5.3
-
-
V
SVR_VTRK
Supply voltage tracking
rejection
Cout = 4.7 µF; VDD5 = 5 V
4 Vpp, VB mean 9 V,
f = 20 kHz
40
-
-
dB
Rdson
-
VB = 4.8 V;
IVTRK1,2 = 100 mA
-
-
3600
mΩ
Vos
Over shoot during power up
Cload
 470 nF tested with
1µF
--
5.5
V
Cload < 470 nF tested with
100 nF
--
6
V
Vov_filter
Over voltage filter time
Test by scan
48
64
80
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com