Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9779WD Datasheet(PDF) 61 Page - STMicroelectronics

Part # L9779WD
Description  Multifunction IC for engine management system
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD Datasheet(HTML) 61 Page - STMicroelectronics

Back Button L9779WD Datasheet HTML 57Page - STMicroelectronics L9779WD Datasheet HTML 58Page - STMicroelectronics L9779WD Datasheet HTML 59Page - STMicroelectronics L9779WD Datasheet HTML 60Page - STMicroelectronics L9779WD Datasheet HTML 61Page - STMicroelectronics L9779WD Datasheet HTML 62Page - STMicroelectronics L9779WD Datasheet HTML 63Page - STMicroelectronics L9779WD Datasheet HTML 64Page - STMicroelectronics L9779WD Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 170 page
background image
DocID027452 Rev 5
61/170
L9779WD
Functional description
169
Table 25. LSc diagnosis electrical characteristics
Pin
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
OUT19,20
IOVC
Over current threshold
-
70
-
130
mA
TFILTEROVC
Over current filtering time
Tested by scan
2
4
5
µs
TFILTERdiagoff
Filtering open load and
short to GND diag. off
Tested by scan
35
50
65
µs
Td_mask
Diagnosis mask delay after
switch-off
Tested by scan
300
-
500
µs
VHVT
Open load threshold
voltage
-
VOutopen
+160mV
-3
V
VOutopen
Output open load voltage
-
2.3
-
2.7
V
VLVT
Output short-circuit to GND
threshold voltage
-1.9
-
VOutopen
-200mV
V
IOUT_PD
Output diagnostic pull down
current Off state
Vpin = 5 V
50
-
110
µA
IOUT_PU
Output diagnostic pull up
current Off state
Vpin = 1.5 V
110
160
210
µA
Itopen
Open load threshold current -
30
-
110
µA
VS/R ON
Voltage R On
R = 270 Ω
Cload = 10 F
From 80% to
30% of VOUT
2-
6
V/µs
VS/R OFF
Voltage R Off
5
-
14
V/µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com