Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9779WD Datasheet(PDF) 80 Page - STMicroelectronics

Part # L9779WD
Description  Multifunction IC for engine management system
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD Datasheet(HTML) 80 Page - STMicroelectronics

Back Button L9779WD Datasheet HTML 76Page - STMicroelectronics L9779WD Datasheet HTML 77Page - STMicroelectronics L9779WD Datasheet HTML 78Page - STMicroelectronics L9779WD Datasheet HTML 79Page - STMicroelectronics L9779WD Datasheet HTML 80Page - STMicroelectronics L9779WD Datasheet HTML 81Page - STMicroelectronics L9779WD Datasheet HTML 82Page - STMicroelectronics L9779WD Datasheet HTML 83Page - STMicroelectronics L9779WD Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 170 page
background image
Functional description
L9779WD
80/170
DocID027452 Rev 5
Stepper counter
In order to keep trace of the stepper movement in L9779WD a 10-bit register is available
(5 bits in the STEP_CNT_H and 5 bits in the STEP_CNT_L)
The value of this register after the power-up is 512 and:
with DIR=1 the value is increased by one for each step of the motor
with DIR=0 the value is decreased by one for each step of the motor.
When the counter reaches the max or min value it remains at that value unless the direction
is inverted.
In the STEP_CNT_H and STEP_CNT_L registers there are two bits used to check if the
content of the register is referred to the same motor step.
The stepper counter is reset by power-on reset and software reset.
Figure 49. Stepper counter diagram
Driver parallel configuration
Low side drivers can be connected in parallel to increase the current driving capability. High
side drivers behave similarly.
Configurations are set by CONFIG_REG7 and CONFIG_REG10.
6.13.2
Diagnosis of configurable power stages (CPS)
All CPS have fault diagnostic functions:
Short-circuit to battery voltage: (SCB) can be detected if switches are turned on
Short-circuit to ground:
(SCG) can be detected if switches are turned off
Open load:
(OL) can be detected if switches are turned off
Over temperature:
(OT) will be detected with the general thermal
warning(OT2)
Diagnosis is different for configuration as full-bridges or as single power stages. The faults
are coded in different way and are stored in diagnostic registers.
In each configuration the registers can be read via MSC. With the beginning of each read
cycle the registers are cleared automatically.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com