Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9779WD Datasheet(PDF) 89 Page - STMicroelectronics

Part # L9779WD
Description  Multifunction IC for engine management system
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD Datasheet(HTML) 89 Page - STMicroelectronics

Back Button L9779WD Datasheet HTML 85Page - STMicroelectronics L9779WD Datasheet HTML 86Page - STMicroelectronics L9779WD Datasheet HTML 87Page - STMicroelectronics L9779WD Datasheet HTML 88Page - STMicroelectronics L9779WD Datasheet HTML 89Page - STMicroelectronics L9779WD Datasheet HTML 90Page - STMicroelectronics L9779WD Datasheet HTML 91Page - STMicroelectronics L9779WD Datasheet HTML 92Page - STMicroelectronics L9779WD Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 170 page
background image
DocID027452 Rev 5
89/170
L9779WD
Functional description
169
Electrical characteristics of [OUT21], [OUT23], [OUT25], [OUT26] when
configured as single power stages
If necessary an external free-wheeling diode must be used for the High side drivers.
Diagnosis characteristic of [OUT21], [OUT23], [OUT25], [OUT26] when
configured as single power stages
Table 37. Electrical characteristics of [OUT21], [OUT23], [OUT25], [OUT26] when configured as
single power stages
Pin
Symbol
Parameter
Test condition
Min
Typ
Max Unit
Out
21,23,25,26
Imax
Output current
Not tested
-
0.6
A
RDS-on LSd
Drain source resistance
Iload = 0.6 A
-
-
1.5
Ω
IOUTlk
Output leakage current
Vpin = GND, VB = 13.5 V
-
-
10
µA
VS/R
voltage S/R on/off
R = 21 Ω, C = 10 nF; from
70% to 20% of VOUT
2-6
-
TTurn-on_ LSd
Turn-on delay time
From command to 70%
VOUT Load: 21 Ω, 10 nF
--
6
µs
TTurn-off_ LSd
Turn-off delay time
From command to 20%
VOUT Load: 21 Ω, 10 nF
--
6
µs
Table 38. Diagnosis characteristic of [OUT21], [OUT23], [OUT25], [OUT26] when configured as
single power stages
Pin
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Out
21, 23,
25, 26
Ropen load
Min resistor value open
load detection
Not tested
500
-
-
kΩ
IOVC
Over current threshold
-
1
2
A
TFILTEROVC Over current filtering time Tested by scan
2
4
5
µs
TFILTERdiaggoff
Filtering open load and
short to GND diag. off
Tested by scan
7
-
13
µs
Td_mask
Diagnosis mask time after
switch-off
Tested by scan
1.2
-
1.6
ms
VOUTOPEN
Output open load voltage Open load condition
2.3
-
2.7
V
VHVT
Output short-circuit to VB
Voltage range threshold
-
VOUTOPEN
+160mV
-3
V
VLVT
Open load threshold
voltage
-1.9
-
VOUTOPEN
-200mV
V
IOUT_PD
Output diagnostic pull
down current off state
Vpin = 5 V
160
240
320
µA
IOUT_PU
Output diagnostic pull up
current off state
Vpin = GND
30
50
70
µA
ItOPEN
Open load threshold
current
-
100
-
200
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com