Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9779WD Datasheet(PDF) 84 Page - STMicroelectronics

Part # L9779WD
Description  Multifunction IC for engine management system
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD Datasheet(HTML) 84 Page - STMicroelectronics

Back Button L9779WD Datasheet HTML 80Page - STMicroelectronics L9779WD Datasheet HTML 81Page - STMicroelectronics L9779WD Datasheet HTML 82Page - STMicroelectronics L9779WD Datasheet HTML 83Page - STMicroelectronics L9779WD Datasheet HTML 84Page - STMicroelectronics L9779WD Datasheet HTML 85Page - STMicroelectronics L9779WD Datasheet HTML 86Page - STMicroelectronics L9779WD Datasheet HTML 87Page - STMicroelectronics L9779WD Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 170 page
background image
Functional description
L9779WD
84/170
DocID027452 Rev 5
Figure 54. Short to GND detection during “on” phase
Table 34. Stepper configuration electrical characteristics
Pin
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
OUT
21 to 28
VOutnorm
OUT(21,22),
OUT(23,24),
OUT(25,27),
OUT(26,28) output
voltage
OUT(21,22) short to
OUT(23,24);
OUT(25,27) short to
OUT(26,28);
2.3
-
2.7
V
HVTH
Diagnostic high
threshold
Driver in OFF condition
VOutnorm
+120mV
-3
V
LVTH
Diagnostic low
threshold
Driver in OFF condition
1.9
-
VOutnorm
-200mV
V
IOVC
Over current
threshold
-1
-
2.1
A
I_OPEN_LOAD
Output open load
threshold current
-10
-
90
mA
IOUT_PD_A+B
or C+D
Output diagnostic
pull down current
OFF STATE
Vpin = 5 V
200
-
350
µA
IOUT_PU_A+B
or C+D
Output diagnostic
pull up current OFF
STATE
Vpin = 0 V
50
-
150
µA
Ropenl
Open load resistor
threshold
Application note
150
-
-
kΩ
Tdgc_ON
Deglitch filter time in
ON condition
Test by scan
-25%
10
+25%
µs
Tdgc_OFF
-
Test by scan
-25%
125
+25%
µs
Tdgc_ol_on
-
Test by scan
-25%
20
+25%
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com