Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9779WD Datasheet(PDF) 98 Page - STMicroelectronics

Part # L9779WD
Description  Multifunction IC for engine management system
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD Datasheet(HTML) 98 Page - STMicroelectronics

Back Button L9779WD Datasheet HTML 94Page - STMicroelectronics L9779WD Datasheet HTML 95Page - STMicroelectronics L9779WD Datasheet HTML 96Page - STMicroelectronics L9779WD Datasheet HTML 97Page - STMicroelectronics L9779WD Datasheet HTML 98Page - STMicroelectronics L9779WD Datasheet HTML 99Page - STMicroelectronics L9779WD Datasheet HTML 100Page - STMicroelectronics L9779WD Datasheet HTML 101Page - STMicroelectronics L9779WD Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 170 page
background image
Functional description
L9779WD
98/170
DocID027452 Rev 5
CAN_H
CAN_L
VTHrec
Differential receiver
threshold voltage
dominant to
recessive state
Active mode
0.5
-
-
V
SRH
CANH slew rate
between 10% and
90%
-5
-
35
V/µs
SRL
CANL slew rate
between 10% and
90%
-5
-
35
V/µs
DIFF_SR
Slew rate difference
between CANH and
CANL
--
-
60
%
SRVDIFF
Slew rate of
Vdiff = VCANH-VCANL
-
12
-
100
V/µs
VTHhys
VTHdom - VTHrec
hysteresis
-25
-
50
mV
Table 42. CAN transceiver electrical characteristics (continued)
Pin
Symbol
Description
Test conditions
Min
Typ
Max
Unit
Table 43. CAN transceiver timing characteristics
Symbol
Description
Test conditions
Min
Typ
Max
Unit
tTXpd,hl
Propagation delay TX_CAN
to RX_CAN (High to Low)
Active mode; 50% VTX_CAN to
50% VRX_CAN; CL=100 pF;
CRX_CAN = 15 pF; RL = 60 Ω;
Guaranteed by design.
0-
255
ns
CRX_CAN = 100 pF
@Troom and Tcold
--
265
ns
CRX_CAN = 100 pF
@Thot
--
275
ns
tTXpd,lh
Propagation delay TX_CAN
to RX_CAN (Low to High)
Active mode; 50% VTX_CAN to
50% VRX_CAN; CL = 100 pF;
CRX_CAN = 15 pF; RL = 60 Ω;
Guaranteed by design.
0-
255
ns
CRX_CAN = 100 pF
@Troom and Tcold
--
265
ns
CRX_CAN = 100 pF
@Thot
--
275
ns
tdom(TX_CAN) TX_CAN dominant time-out Tested by scan
525
700
875
µs
tCAN
CAN permanent dominant
time-out
Tested by scan
-
700
-
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com