Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9779WD Datasheet(PDF) 39 Page - STMicroelectronics

Part # L9779WD
Description  Multifunction IC for engine management system
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD Datasheet(HTML) 39 Page - STMicroelectronics

Back Button L9779WD Datasheet HTML 35Page - STMicroelectronics L9779WD Datasheet HTML 36Page - STMicroelectronics L9779WD Datasheet HTML 37Page - STMicroelectronics L9779WD Datasheet HTML 38Page - STMicroelectronics L9779WD Datasheet HTML 39Page - STMicroelectronics L9779WD Datasheet HTML 40Page - STMicroelectronics L9779WD Datasheet HTML 41Page - STMicroelectronics L9779WD Datasheet HTML 42Page - STMicroelectronics L9779WD Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 170 page
background image
DocID027452 Rev 5
39/170
L9779WD
Functional description
169
6.6
Voltage regulators
Figure 15. Structure regulators diagram
The structure of regulators is showed in the above figure.
The 5 V voltage is obtained through a linear regulator using an external N-Mos. The
precision is ± 2% with Imax = 400 mA. The high precision is obtained with a pre-trimmed
reference voltage. The under-voltage condition is monitored through the Smart Reset circuit.
In addition there is an overvoltage monitor that after t_VDD5_OV time switches off the
drivers except the MRD, OUT13, OUT14, OUT21, OUT25. To switch on again the output it
is necessary to send again the START command and to write the CONTROL registers.
It is present a VDD5 over voltage flag, VDD5_OV, that is latched and cleared after reading.
This flag does not inhibit the drivers switch on.
The 3.3 V voltage is obtained through a linear regulator. The precision is ± 2% with
Imax = 100 mA.
Over-current protection is provided and operates together with thermal sensor OT4.
The condition that switches off the V3V3 is the logic and of both Thermal Warning and Over
Current.
The under-voltage condition is monitored and the non latched information is available
V3V3_UV bit.
VTRK1, 2 are two voltage regulators in tracking (±20 mV) with the VDD5 voltage for
Sensors Supply. They can supply sensors with a Imax = 100 mA. The output voltages can
be used in parallel.
VTRK supplies are protected from over voltage due to short to VB with back to back
protection and non latched information is available VTRACK_DIAG bit.
Over-current protection is provided as well and operates together with thermal sensor OT1.
The condition that switches off the VTRK 1, 2 is the logic of thermal warning and over
current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com