Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9779WD Datasheet(PDF) 59 Page - STMicroelectronics

Part # L9779WD
Description  Multifunction IC for engine management system
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD Datasheet(HTML) 59 Page - STMicroelectronics

Back Button L9779WD Datasheet HTML 55Page - STMicroelectronics L9779WD Datasheet HTML 56Page - STMicroelectronics L9779WD Datasheet HTML 57Page - STMicroelectronics L9779WD Datasheet HTML 58Page - STMicroelectronics L9779WD Datasheet HTML 59Page - STMicroelectronics L9779WD Datasheet HTML 60Page - STMicroelectronics L9779WD Datasheet HTML 61Page - STMicroelectronics L9779WD Datasheet HTML 62Page - STMicroelectronics L9779WD Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 170 page
background image
DocID027452 Rev 5
59/170
L9779WD
Functional description
169
OUT 6, 7
PWclampRP
Clamp repetitive pulses
Freq = 5 Hz Reliability
Test
Tc ≤ 30 °C; I_OUT_n ≤ 1.8 A
13 Mio cycles
--
7.5
mJ
Tc ≤ 65°C; I_OUT_n ≤ 1.4 A
130 Mio cycles
--
4
Tc ≤ 80°C; I_OUT_n ≤ 1.4 A
214 Mio cycles
--
4
Tc ≤ 100°C; I_OUT_n ≤ 1.4 A
175 Mio cycle
--
4
Tc≤ 115°C; I_OUT_n ≤ 1.4 A
45 Mio cycle
--
4
Tc ≤ 130°C; I_OUT_n ≤ 1.0 A
65 Mio cycle
--
3
Tc ≤ 145°C; I_OUT_n ≤ 1.0 A
6 Mio cycle
--
3
Reverse voltage
Body diode reverse
current voltage drop
I = -5 A
-1.3
-1
-0.5
V
Table 22. LSb electrical characteristics (continued)
Pin
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Table 23. LSb diagnosis electrical characteristics
Pin
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
OUT6, 7
Imax
Output current
Not tested
-
5
-
A
IOVC
Over current threshold
T = -40°C
8.6
-
12.4
A
T = 25°C
8
-
11.2
A
T = 130°C
7.8
-
9.9
A
TFILTEROVC Over current filtering time
Tested by scan
1.5
-
2.5
µs
TFILTERdiaggof
f
Filtering open load and short
to GND diag. off
Tested by scan
7
-
13
µs
Td_mask
Diagnosis mask delay after
switch-off
Tested by scan
300
-
500
µs
VHVT
Open load threshold voltage -
VOutopen
+120mV
-3
V
VOutopen
Open load output voltage
Open load condition
2.3
-
2.7
V
VLVT
Output short-circuit to GND
threshold voltage
-1.9
-
VOutopen
-200mV
V
IOUT_PD
Output diagnostic pull down
current OFF STATE
Vpin = 5 V
50
-
110
µA
IOUT_PU
Output diagnostic pull up
current OFF STATE
Vpin = 1.5 V
-210
-
-108
µA
Itopen
Open load threshold current -
30
-
90
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com