Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9779WD Datasheet(PDF) 31 Page - STMicroelectronics

Part # L9779WD
Description  Multifunction IC for engine management system
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L9779WD Datasheet HTML 27Page - STMicroelectronics L9779WD Datasheet HTML 28Page - STMicroelectronics L9779WD Datasheet HTML 29Page - STMicroelectronics L9779WD Datasheet HTML 30Page - STMicroelectronics L9779WD Datasheet HTML 31Page - STMicroelectronics L9779WD Datasheet HTML 32Page - STMicroelectronics L9779WD Datasheet HTML 33Page - STMicroelectronics L9779WD Datasheet HTML 34Page - STMicroelectronics L9779WD Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 170 page
background image
DocID027452 Rev 5
31/170
L9779WD
Functional description
169
6.3
VDD_IO function
6.3.1
Description of VDD_IO function and IC pin
The scope of the VDD_IO function and the new related VDD_IO pin is that the voltage level
of the L9779WD output ports can be adapted to the voltage levels of the ports of different
microcontrollers.The L9779WD output ports to be considered are the DO, CAN-RX,
K_RX,OUT_VRS, RST, WDA_INT. RST and WDA_INT are open drain structures.
The L9779WD input ports have a fixed voltage level which is compatible with both 3.3 V and
5 V µC-port voltages.
As the VDD_IO is an external supply, it is monitored and is evaluated for the reset
generation.
Concerning the max ratings, the VDD_IO pin should be specified similarly to the VDD5 pin
up to 19V.
The operating range would be at least from 2.9 V to 5.5 V.
The VDD_IO supply has a voltage monitoring similar to a VDD3V3 monitoring with min-
threshold 2.9 V and max-threshold 3.1V for low-voltage monitoring. Low-threshold is
adapted to VDD3 supply, even though both 3.3 V and 5 V supplies are possible. The
VDD_IO monitoring must be included in the RST logic to create a RST low output in case of
VDD_IO low voltage.
Table 8. VDD_IO electrical characteristics
Pin
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
VDD_IO
IVDD_IO
Input current of VDD_IO
pin
VB=14V,all VDD_IO
related pin without
load
--
5
mA
VVDD_IO
Operation range
-
2.9
-
5.5
V
VVDD_IO
Maximum rating
-
-0.3
-
19
V
VVDD_IO_UV Under voltage threshold
-
2.9
3.0
3.1
V
tf_VDD_IO_UV Under voltage filter time
Tested by scan
3
-
10
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com