Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9779WD Datasheet(PDF) 79 Page - STMicroelectronics

Part # L9779WD
Description  Multifunction IC for engine management system
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD Datasheet(HTML) 79 Page - STMicroelectronics

Back Button L9779WD Datasheet HTML 75Page - STMicroelectronics L9779WD Datasheet HTML 76Page - STMicroelectronics L9779WD Datasheet HTML 77Page - STMicroelectronics L9779WD Datasheet HTML 78Page - STMicroelectronics L9779WD Datasheet HTML 79Page - STMicroelectronics L9779WD Datasheet HTML 80Page - STMicroelectronics L9779WD Datasheet HTML 81Page - STMicroelectronics L9779WD Datasheet HTML 82Page - STMicroelectronics L9779WD Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 170 page
background image
DocID027452 Rev 5
79/170
L9779WD
Functional description
169
Figure 47. Configurable power stages OUT [21 to 24] can be configured to create the
H-bridge1
Figure 48. Configurable power stages OUT [25 to 28] can be configured to create the
H-bridge2
OUT23
High-side P-Ch
0.6 A
1.5 Ω
1 A
N/A
OUT24
Low-side N-Ch
0.6 A
1.5 Ω
1 A
45 V
Table 33. H-bridge2 configurable power stages OUT [25 to 28]
H-bridge2
Comment
Nominal
current
Ron max
Switch off
current
(min.)
Clamping
(typ.)
OUT25
High-side P-Ch
0.6 A
1.5 Ω
1 A
N/A
OUT26
High-side P-Ch
0.6 A
1.5 Ω
1 A
N/A
OUT27
Low-side N-Ch
0.6 A
1.5 Ω
1 A
45 V
OUT28
Low-side N-Ch
0.6 A
1.5 Ω
1 A
45 V
Table 32. H-bridge1 configurable power stages OUT [21 to 24] (continued)
H-bridge1
Comment
Nominal
current
Ron max
Switch off
current
(min.)
Clamping
(typ.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com