Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9779WD Datasheet(PDF) 20 Page - STMicroelectronics

Part # L9779WD
Description  Multifunction IC for engine management system
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L9779WD Datasheet HTML 16Page - STMicroelectronics L9779WD Datasheet HTML 17Page - STMicroelectronics L9779WD Datasheet HTML 18Page - STMicroelectronics L9779WD Datasheet HTML 19Page - STMicroelectronics L9779WD Datasheet HTML 20Page - STMicroelectronics L9779WD Datasheet HTML 21Page - STMicroelectronics L9779WD Datasheet HTML 22Page - STMicroelectronics L9779WD Datasheet HTML 23Page - STMicroelectronics L9779WD Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 170 page
background image
Absolute maximum ratings
L9779WD
20/170
DocID027452 Rev 5
5.2
Latch-up test
According to JEDEC 78 class 2 level A.
5.3
Temperature ranges and thermal data
5.4
Operating range
5.4.1
Low battery
All the functions are guaranteed with degraded parameters. The voltage regulators follow
VB in RDSon mode with drop-out depending on load current.
V3V3 regulator works as expected assuming VDD5 > 4 V.
5.4.2
Normal battery
All the functions and the parameters are guaranteed by testing coverage.
5.4.3
High battery
All the functions are guaranteed with degraded parameters.
5.4.4
Load dump
The device is switched-off if load dump exceeds battery overvoltage threshold for a time
longer than filter time.
Table 5. Temperature ranges and thermal data
Symbol
Parameter
Min
Max
Unit
Tamb
Operating temperature
-40
125
°C
Tj
Continuative operative junction temperature
-40
150
°C
Tstg
Storage temperature
-40
150
°C
Rthj-case Thermal resistance junction-to-case
-
1
°C/W
Rthj-amb Thermal resistance junction-to-ambient(1)
1. With 2S2P+vias PCB.
-16
°C/W
Ts
Lead temperature during soldering (for a time = 10 s max)
-
260
°C
Table 6. Operating range
Pins
symbol
Battery voltage range
Junction temperature
condition
Note
VB
4.15 V < Vb < 6 V
-40 < Tj < 40
Low battery
6 V < Vb = 18 V
-40 < Tj < 150
Normal battery
18 V < Vb = 28 V
-40 < Tj < 40
High battery
28 < Vb = 40 V, trise = 10ms, Tpulse= 400 ms.
-40 < Tj < 40
Load dump



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com