Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9779WD Datasheet(PDF) 14 Page - STMicroelectronics

Part # L9779WD
Description  Multifunction IC for engine management system
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L9779WD Datasheet HTML 10Page - STMicroelectronics L9779WD Datasheet HTML 11Page - STMicroelectronics L9779WD Datasheet HTML 12Page - STMicroelectronics L9779WD Datasheet HTML 13Page - STMicroelectronics L9779WD Datasheet HTML 14Page - STMicroelectronics L9779WD Datasheet HTML 15Page - STMicroelectronics L9779WD Datasheet HTML 16Page - STMicroelectronics L9779WD Datasheet HTML 17Page - STMicroelectronics L9779WD Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 170 page
background image
Pins description
L9779WD
14/170
DocID027452 Rev 5
10
VTRK2
Sensor1 tracking supply 5V
Sensor supply output
-
5
RST
Reset input/output for µP
Output: push-pull
DGT input
Open drain
37
VDD_IO
External supply
Power input
-
38
WDA_INT
WDA Interrupt Signal
Output: open drain DGT
input
-
VRS
7
VRSN
Negative VRS input
Analog input
1.65 V internal polarization
6
VRSP
Positive VRS input
Analog input
1.65 V internal polarization
8
OUT_VRS
Digital VRS output
DGT output
Push-pull
CAN
44
CAN_TX
Can transceiver input (from TX µP) DGT input
-
43
CAN_RX
Can transceiver output (to RX µP)
DGT output
-
42
CAN_H
Bi-dir protected CAN_H wire
Analog input/output
-
41
CAN_L
Bi-dir protected CAN_L wire
Analog input/output
-
ISO9141
47
K_TX
ISO9141 logical input
DGT input
Internal pull-up resistor
45
K_LINE
Bi-dir protected K-line wire
Analog input/output
Open drain
46
K_RX
ISO9141logical output
DGT output
Push-pull
Low side drivers
60
OUT1
Output low-side 1 for R, L load
(Injector)
Power output
Open drain
61
OUT2
Output low-side 2 for R, L load
(Injector)
Power output
Open drain
25
OUT3
Output low-side 3 for R, L load
(Injector)
Power output
Open drain
28
OUT4
Output low-side 4 for R, L load
(Injector)
Power output
Open drain
26
PGND
Power GND
PGND
-
27
PGND
Power GND
PGND
-
57
OUT5
Output low-side 5 for R, L load (high
current)
Power output
Open drain
56
OUT6
Output low-side 6 for R, L load
(heater)
Power output
Open drain
29
OUT7
Output low-side 7 for R, L load
(heater)
Power output
Open drain
Table 2. Pins description (continued)
Pin#
Name
Function
Type
Polarization/note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com