Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9779WD Datasheet(PDF) 63 Page - STMicroelectronics

Part # L9779WD
Description  Multifunction IC for engine management system
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD Datasheet(HTML) 63 Page - STMicroelectronics

Back Button L9779WD Datasheet HTML 59Page - STMicroelectronics L9779WD Datasheet HTML 60Page - STMicroelectronics L9779WD Datasheet HTML 61Page - STMicroelectronics L9779WD Datasheet HTML 62Page - STMicroelectronics L9779WD Datasheet HTML 63Page - STMicroelectronics L9779WD Datasheet HTML 64Page - STMicroelectronics L9779WD Datasheet HTML 65Page - STMicroelectronics L9779WD Datasheet HTML 66Page - STMicroelectronics L9779WD Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 170 page
background image
DocID027452 Rev 5
63/170
L9779WD
Functional description
169
Min/Max of Reverse Current will be add after BA characterization.
OUT
13 to 18
PWclampSP
Clamp single pulse ATE
test
Iload = 0.6 A; single pulse
-
-
15
mJ
PWclampRP
Clamp repetitive pulses
Freq = 1 Hz (to be verified)
Reliability Test
Tc ≤ 30 °C;
I_OUT_n < 0.45 A
1 Mio cycles
--
6.5
mJ
Tc ≤ 80 °C;
I_OUT_n
 0.3 A
25 Mio cycle
--
6.5
Tc ≤ 100°C;
I_OUT_n < 0.3A
20 Mio cycle
--
6.5
Tc ≤ 130°C;
I_OUT_n < 0.3 A
5 Mio cycle
--
5.5
Reverse
current
Body diode reverse current
voltage drop
I = -0.6 A
-0.5
-1
-1.1
V
Table 26. LSd electrical characteristics (continued)
Pin
Symbol
Parameter
Test condition
Min
Typ
Max Unit
Table 27. LSd diagnosis electrical characteristics
Pin
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
OUT
13 to 18
Ropen load
Min resistor value open
load detection
Not tested
500
-
-
kΩ
Imax
Output current
Not tested
-
0.6
-
A
IOVC
Over current threshold
-
1
-
2
A
TFILTEROVC
Over current filtering
time
Tested by scan
2
4
5
µs
TFILTERdiagoff
Filtering open load and
short to GND diag. off
Tested by scan
35
50
65
µs
Td_mask
Diagnosis mask delay
after switch-off
Tested by scan
300
-
500
µs
VHVT
Output voltage ok
range threshold
-
VOutopen
+120mV
-3
µs
VOUTOPEN
Output open load
voltage
Open load
condition
2.3
-
2.7
V
VLVT
Output short-circuit to
GND threshold voltage
-1.9
-
VOutopen
-200mV
V
IOUT_PD
Output diagnostic pull
down current off state
Vpin = 5 V
50
-
110
µA
IOUT_PU
Output diagnostic pull
up current off state
Vpin = 1.5 V
-210
-
-108
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com