Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9779WD Datasheet(PDF) 90 Page - STMicroelectronics

Part # L9779WD
Description  Multifunction IC for engine management system
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD Datasheet(HTML) 90 Page - STMicroelectronics

Back Button L9779WD Datasheet HTML 86Page - STMicroelectronics L9779WD Datasheet HTML 87Page - STMicroelectronics L9779WD Datasheet HTML 88Page - STMicroelectronics L9779WD Datasheet HTML 89Page - STMicroelectronics L9779WD Datasheet HTML 90Page - STMicroelectronics L9779WD Datasheet HTML 91Page - STMicroelectronics L9779WD Datasheet HTML 92Page - STMicroelectronics L9779WD Datasheet HTML 93Page - STMicroelectronics L9779WD Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 170 page
background image
Functional description
L9779WD
90/170
DocID027452 Rev 5
Note:
When power stages are configured in parallel mode, some parameters change depending
on CONFIG_REG7 and CONFIG_REG10 registers (refer to register configuration Table 39
& 40).
(CPS) CONFIG_REG10 (WR_CPS command 110011)
OUT21,
25
THOLD
Switch on to off delay
during low battery voltage
operation. Tested by
SCAN
-
400
-
800
ms
VB_LV
VB voltage threshold for
low battery function
--
-
4.15
V
Table 38. Diagnosis characteristic of [OUT21], [OUT23], [OUT25], [OUT26] when configured as
single power stages (continued)
Pin
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Table 39. CPS table single mode parallelism
Register
bit
73 210
If not specified Output Drivers are set as single
(not in parallel with any other)
Over Current mask time increased to 8 µs
(bit 6…4 set Low, they can be combined as per next table)
Enable
by
Diagn
on
2Low
0 0 0 1 0 OUT22 and OUT24 Low side Parallel
OUT24 OUT22
2Low
2Low
0 0 1 0 0 OUT22 and OUT24 Low side Parallel
OUT27 and OUT28 Low side Parallel
OUT24
OUT27
OUT22
OUT27
4Low
0 1 0 0 0 OUT22 and OUT24 and OUT27 and OUT28 Low side Parallel
OUT24 OUT22
2High
0 0 1 1 0 OUT21 and OUT23 High side Parallel
OUT23 OUT21
2High
2high
0 1 1 1 0 OUT21 and OUT23 High side Parallel
OUT25 and OUT26 High side Parallel
OUT23
OUT25
OUT21
OUT25
4High
0 1 0 1 0 OUT21 and OUT23 and OUT25 and OUT26 High side Parallel
OUT23 OUT21
3High
1 0 1 0 0 OUT23 and OUT25 and OUT26 High side Parallel
OUT23 OUT25
3Low
1 1 1 0 0 OUT24 and OUT27 and OUT28 Low side Parallel
OUT24 OUT24
Table 40. CPS table combined mode parallelism
Register
bit
7 6 5 4 3 2 1 0
Over current mask time increased to 8 µs
Enable
by
Diagn
on
2Low
2High
0 001 001 0
OUT22 and OUT24 Low side Parallel
OUT25 and OUT26 High side Parallel
OUT24
OUT25
OUT22
OUT25
2Low
2Low
2High
0 0 0 1 0 1 0 0 OUT27 and OUT28 Low side Parallel
OUT22 and OUT24 Low side Parallel
OUT25 and OUT26 High side Parallel
OUT27
OUT24
OUT25
OUT27
OUT24
OUT25
3Low
3High
1
1
1
0
1
1
1
0
0
1
1
1
0
0
0
0
OUT24 and OUT27 and OUT28 Low side Parallel
OUT23 and OUT25 and OUT26 High side Parallel
OUT24
OUT23
OUT24
OUT25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com